Electronic Components Datasheet Search
  English  ▼

X  

RF2870 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF2870
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2870 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF2870 Datasheet HTML 6Page - RF Micro Devices RF2870 Datasheet HTML 7Page - RF Micro Devices RF2870 Datasheet HTML 8Page - RF Micro Devices RF2870 Datasheet HTML 9Page - RF Micro Devices RF2870 Datasheet HTML 10Page - RF Micro Devices RF2870 Datasheet HTML 11Page - RF Micro Devices RF2870 Datasheet HTML 12Page - RF Micro Devices RF2870 Datasheet HTML 13Page - RF Micro Devices RF2870 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
8-14
RF2870
Rev A8 030507
PCB Solder Mask Pattern
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the
PCB metal land pattern with a 2mil to 3mil expansion to accommodate solder mask registration clearance around all
pads. The center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask
clearance can be provided in the master data or requested from the PCB fabrication supplier.
0.50 (mm) Typ.
1.50 (mm)
Typ.
0.50 (mm) Typ.
Pin 16
A
A
A
A
C
B
B
B
B
A
A
A
A
B
B
B
B
Pin 1
Pin 8
Pin 12
0.60 (mm) Typ.
0.60 (mm) Typ.
0.75 (mm) Typ.
1.50 (mm)
Typ.
0.75 (mm)
Typ.
A = 0.38 x 0.79 (mm) Typ.
B = 0.79 x 0.38 (mm) Typ.
C = 1.70 (mm) Sq.
Figure 2. PCB Solder Mask Pattern (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com