Electronic Components Datasheet Search
  English  ▼

X  

P0300SC Datasheet(PDF) 1 Page - Teccor Electronics

Part # P0300SC
Description  SIDACtor Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P0300SC Datasheet(HTML) 1 Page - Teccor Electronics

  P0300SC Datasheet HTML 1Page - Teccor Electronics P0300SC Datasheet HTML 2Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIDACtor Device
http://www.teccor.com
2 - 4
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
SIDACtor Device
DO-214AA SIDACtor solid state protection devices protect telecommunications equipment
such as modems, line cards, fax machines, and other CPE.
SIDACtor devices are used to enable equipment to meet various regulatory requirements
including GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA/EIA-IS-968
(formerly known as FCC Part 68).
* For individual “SA”, “SB”, and “SC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured at 1 MHz with a 2 V bias and is a typical value for “SA” and “SB” product. “SC” capacitance is
approximately 2x the listed value. The off-state capacitance of the P0080SB is equal to the “SC” device.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
P0080S_
6
25
4
5
800
2.2
50
100
P0300S_
25
40
4
5
800
2.2
50
110
P0640S_
58
77
4
5
800
2.2
150
50
P0720S_
65
88
4
5
800
2.2
150
50
P0900S_
75
98
4
5
800
2.2
150
50
P1100S_
90
130
4
5
800
2.2
150
40
P1300S_
120
160
4
5
800
2.2
150
40
P1500S_
140
180
4
5
800
2.2
150
40
P1800S_
170
220
4
5
800
2.2
150
30
P2300S_
190
260
4
5
800
2.2
150
30
P2600S_
220
300
4
5
800
2.2
150
30
P3100S_
275
350
4
5
800
2.2
150
30
P3500S_
320
400
4
5
800
2.2
150
30
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500


Similar Part No. - P0300SC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0300SC LITTELFUSE-P0300SC Datasheet
97Kb / 1P
DO-214AA Package Symbolization
logo
HuaXinAn Electronics CO...
P0300SC HUAXINAN-P0300SC Datasheet
375Kb / 7P
SIDACtor Protection Thyristors
logo
Socay Electornics Co., ...
P0300SC SOCAY-P0300SC Datasheet
356Kb / 5P
Thyristor Surge Suppressors (TSS)
logo
StarHope
P0300SC SPSEMI-P0300SC Datasheet
777Kb / 3P
P thyristor for circuit protection
logo
SUNMATE electronic Co.,...
P0300SC SUNMATE-P0300SC Datasheet
1Mb / 3P
THYRISTOR SURGE SUPPRESSORS
More results

Similar Description - P0300SC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP Datasheet
421Kb / 4P
Q2L Series SIDACtor Device
P0080SAMC LITTELFUSE-P0080SAMC Datasheet
122Kb / 2P
MicroCapacitance (MC) SA SIDACtor Device
P0084UCMC LITTELFUSE-P0084UCMC Datasheet
124Kb / 2P
Multiport MicroCapacitance (MC) SIDACtor Device
P0640ECMC LITTELFUSE-P0640ECMC Datasheet
121Kb / 2P
MicroCapacitance (MC) SIDACtor Device
P6002AD LITTELFUSE-P6002AD Datasheet
123Kb / 2P
High Surge Current SIDACtor Device
P0080ECMCL LITTELFUSE-P0080ECMCL Datasheet
101Kb / 3P
MicroCapacitance SIDACtor Device
P0080SAMCRP LITTELFUSE-P0080SAMCRP Datasheet
155Kb / 2P
MicroCapacitance (MC) SA SIDACtor Device
logo
List of Unclassifed Man...
P1100SBRP ETC2-P1100SBRP Datasheet
127Kb / 2P
SIDACtor Device
logo
Littelfuse
P0300SCMCRP LITTELFUSE-P0300SCMCRP Datasheet
159Kb / 3P
MicroCapacitance (MC) SC SIDACtor Device
P2706UCLRP LITTELFUSE-P2706UCLRP Datasheet
178Kb / 3P
Multiport Balanced SIDACtor Device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com