Electronic Components Datasheet Search
  English  ▼

X  

HD3SS215 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS215
Description  HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS215 Datasheet(HTML) 2 Page - Texas Instruments

  HD3SS215 Datasheet HTML 1Page - Texas Instruments HD3SS215 Datasheet HTML 2Page - Texas Instruments HD3SS215 Datasheet HTML 3Page - Texas Instruments HD3SS215 Datasheet HTML 4Page - Texas Instruments HD3SS215 Datasheet HTML 5Page - Texas Instruments HD3SS215 Datasheet HTML 6Page - Texas Instruments HD3SS215 Datasheet HTML 7Page - Texas Instruments HD3SS215 Datasheet HTML 8Page - Texas Instruments HD3SS215 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
HD3SS215, HD3SS215I
SLAS971C – MAY 2014 – REVISED AUGUST 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 12
1
Features .................................................................. 1
8.3
Feature Description................................................. 13
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 13
3
Description ............................................................. 1
9
Applications and Implementation ...................... 14
4
Revision History..................................................... 2
9.1
Application Information............................................ 14
5
Description (Continued) ........................................ 4
9.2
Typical Applications ................................................ 14
6
Pin Configuration and Functions ......................... 4
10
Power Supply Recommendations ..................... 18
7
Specifications......................................................... 7
11
Layout................................................................... 19
7.1
Absolute Maximum Ratings ...................................... 7
11.1
Layout Guidelines ................................................. 19
7.2
ESD Ratings.............................................................. 7
11.2
Layout Example .................................................... 19
7.3
Recommended Operating Conditions ....................... 7
12
Device and Documentation Support ................. 21
7.4
Thermal Information .................................................. 7
12.1
Community Resources.......................................... 21
7.5
Electrical Characteristics........................................... 8
12.2
Trademarks ........................................................... 21
7.6
Electrical Characteristics, Device Parameters .......... 9
12.3
Electrostatic Discharge Caution ............................ 21
7.7
Switching Characteristics .......................................... 9
12.4
Glossary ................................................................ 21
7.8
Timing Diagrams ....................................................... 9
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 11
Information ........................................................... 21
8.1
Overview ................................................................. 11
4 Revision History
Changes from Revision B (July 2015) to Revision C
Page
•
Added ton(OE_L-H), toff(OE_H-L), and tSWITCH_OVER to the Switching Characteristics........................................................................ 9
Changes from Revision A (May 2014) to Revision B
Page
•
Changed the title From: "2.0/DisplayPort 1.2A" To: "DisplayPort" ......................................................................................... 1
•
Changed Features list item From: Compatible With DisplayPort 1.2a Electrical Standard To: Compatible With
DisplayPort Electrical Standard .............................................................................................................................................. 1
•
Changed Features list item From: Compatible With HDMI 1.4b and HDMI 2.0 Electrical Standards To: Compatible
With HDMI Electrical Standards ............................................................................................................................................. 1
•
Added Features item: Commercial Temperature Range: –40°C to 70°C (HD3SS215) ......................................................... 1
•
Added Features item: Inductrial Temperature Range: –40°C to 85°C (HD3SS215I) ............................................................ 1
•
Added Features, Package Options: 8 mm × 8 mm, 56-Pin RTQ ........................................................................................... 1
•
Changed the Applications list item From: TV and Monitors To: UHDTV, HDTV and Monitors.............................................. 1
•
Added Description (Continued) paragraph. ........................................................................................................................... 4
•
Added the 56-Pin QFN image ................................................................................................................................................ 5
•
Added RTQ column to the Pin Functions table ..................................................................................................................... 6
•
Moved Tstg From: ESD Ratings To: Absolute Maximum Ratings
(1) (2) .................................................................................... 7
•
Changed the Handling Ratings table to ESD Ratings table .................................................................................................. 7
•
Added HD3SS2151I, Operating free-air temperature Recommended Operating Conditions ............................................... 7
•
Added RTQ 56 PIN values to the Thermal Information.......................................................................................................... 7
•
Added table Note " This pin can be driven.." to the Electrical Characteristics table .............................................................. 8
•
Changed the Electrical Characteristics, Device Parameters
(3) table to include ZQE and RTQ package values................... 9
•
Added the Switching Characteristics table ............................................................................................................................ 9
•
Added section: HDMI 2:1 Sink Application Using the RTQ Package .................................................................................. 18
•
Added Figure 10 .................................................................................................................................................................. 20
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: HD3SS215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com