Electronic Components Datasheet Search
  English  ▼

X  

DRS4485 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # DRS4485
Description  DRS4485 Dual RS485 Interface Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

DRS4485 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  DRS4485 Datasheet HTML 1Page - Aeroflex Circuit Technology DRS4485 Datasheet HTML 2Page - Aeroflex Circuit Technology DRS4485 Datasheet HTML 3Page - Aeroflex Circuit Technology DRS4485 Datasheet HTML 4Page - Aeroflex Circuit Technology DRS4485 Datasheet HTML 5Page - Aeroflex Circuit Technology DRS4485 Datasheet HTML 6Page - Aeroflex Circuit Technology DRS4485 Datasheet HTML 7Page - Aeroflex Circuit Technology DRS4485 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SCD4485 Rev G 12/5/14
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS
Parameter
Range
Operating Case Temperature
-55°C to +125°C
Storage Case Temperature
-65°C to +150°C
Power Supply Voltages (VCC)+12VDC
Control Input Voltage
-0.5 VDC to Vcc + 0.5VDC
Driver Input Voltage
-0.5 VDC to Vcc + 0.5VDC
Driver Output Voltage
±5V
Receiver Input Voltage
±5V
Receiver Output Voltages
-0.5 VDC to Vcc + 0.5VDC
NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress rating
only; functional operation beyond the "Operation Conditions" is not recommended and extended exposure beyond the "Operation Conditions"
may affect device reliability.
ELECTRICAL CHARACTERISTICS 2/ 4/
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Differential driver output voltage (unloaded)
IO = 0
VOD1
2.5
3.0
5
Vp-p
Differential driver output voltage (with load) 1/
See Figure 2
VOD2
2.5
3.0
5
Vp-p
Change in magnitude of driver differential
output Voltage for complementary states
VOD
-
-
0.2
Vp-p
Driver common mode output voltage
VOC
-2.55
3
V
Change in magnitude of driver common-mode
output Voltage for complementary states
|VOC
--
0.2
V
Input high voltage
DE, DI, RE
VIH
2.4
-
-
V
Input low voltage
VIL
-0.8
V
Input current 1/
IIN
±1
±2
µA
Differential input threshold voltage for receiver
-6.5V £ VCM £+5V
VTH
-0.5
-0.2
-0.1
V
Receiver input hysteresis 3/VCM = 0
VTH
-
160
400
mV
Receiver output high voltage 1/
IO = -0.4mA
VOH
4.0
-
-
V
Receiver output low voltage 1/
IO = 0.4mA
VOL
--
0.5
V
Receiver input differential resistance 3/-
RINDIFF
30K
-
-
Receiver input common-mode resistance 3/-
RINCM
8K
-
-
Driver short-circuit current 1/-
IOS
50
80
140
mA
Receiver short-circuit current 1/VOH to GND or VOL to Vcc
IOSR
750
85
mA
STATIC DC POWER SUPPLY CURRENTS 2/
Input
Conditions
Driver Output
Conditions
Sym
Min
Typ
Max
Unit
Channel Conditions
Channel 1
Channel 2
DE
DI
RE
Output
State
Output
Load
Driver
Receiver
Driver
Receiver
0V
X
5V
HiZ
X
ICC1 1/
-10
16
mA
Disabled Disabled Disabled Disabled
5V
X
0V
LoZ
NL
ICC2 1/
-29
40
mA
Enabled Enabled Disabled Disabled
5V
X
0V
LoZ
60 W
ICC3
-50
65
mA
Enabled Enabled Disabled Disabled
DE=Driver En, DI=Driver In, RE=Receiver En
X=HiLo. 0V=GND. 5V=VDC. HiZ=high impedance. LoZ=low impedance. L=No Load



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com