Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA323L-4AI Datasheet(PDF) 77 Page - ATMEL Corporation

Part # ATMEGA323L-4AI
Description  8-bit Microcontroller with 32K Bytes of In-System Programmable Flash
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA323L-4AI Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button ATMEGA323L-4AI Datasheet HTML 73Page - ATMEL Corporation ATMEGA323L-4AI Datasheet HTML 74Page - ATMEL Corporation ATMEGA323L-4AI Datasheet HTML 75Page - ATMEL Corporation ATMEGA323L-4AI Datasheet HTML 76Page - ATMEL Corporation ATMEGA323L-4AI Datasheet HTML 77Page - ATMEL Corporation ATMEGA323L-4AI Datasheet HTML 78Page - ATMEL Corporation ATMEGA323L-4AI Datasheet HTML 79Page - ATMEL Corporation ATMEGA323L-4AI Datasheet HTML 80Page - ATMEL Corporation ATMEGA323L-4AI Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 247 page
background image
77
ATmega323(L)
1457G–AVR–09/03
Table 29 contains equations for calculating the baud rate (in bits per second) and for
calculating the UBRR value for each mode of operation using an internally generated
clock source.
Note:
1. The baud rate is defined to be the transfer rate in bit per second (bps).
BAUD
Baud rate (in bits per second, bps)
fOSC
System Oscillator clock frequency
UBRR
Contents of the UBRRH and UBRRL Registers, (0 - 4095)
Some examples of UBRR values for some system clock frequency are found in Table
36 (see page 99).
Double Speed Operation
(U2X)
The transfer rate can be doubled by setting the U2X bit in UCSRA. Setting this bit only
has effect for the asynchronous operation. Set this bit to zero when using synchronous
operation.
Setting this bit will reduce the divisor of the baud rate divider from 16 to 8, effectively
doubling the transfer rate for asynchronous communication. Note however that the
Receiver will in this case only use half the number of samples (reduced from 16 to 8) for
data sampling and clock recovery, and therefore a more accurate baud rate setting and
system clock are required when this mode is used. For the Transmitter, there are no
downsides.
External Clock
External clocking is used by the Synchronous Slave modes of operation. The descrip-
tion in this section refers to Figure 46 for details.
External clock input from the XCK pin is sampled by a synchronization register to mini-
mize the chance of meta-stability. The output from the synchronization register must
then pass through an edge detector before it can be used by the Transmitter and
Receiver. This process introduces a two CPU clock period delay and therefore the max-
imum external XCK clock frequency is limited by the following equation:
Note that fosc depends on the stability of the system clock source. It is therefore recom-
mended to add some margin to avoid possible loss of data due to frequency variations.
Synchronous Clock Operation
When synchronous mode is used (UMSEL = 1), the XCK pin will be used as either clock
input (Slave) or clock output (Master). The dependency between the clock edges and
data sampling or data change is the same. The basic principle is that data input (on
RxD) is sampled at the opposite XCK clock edge of the edge the data output (TxD) is
changed.
Table 29. Equations for Calculating Baud Rate Register Setting
Operating Mode
Equation for Calculating
Baud Rate(1)
Equation for Calculating
UBRR Value
Asynchronous Normal Mode
(U2X = 0)
Asynchronous Double Speed
Mode (U2X = 1)
Synchronous Master Mode
BAUD
f
OSC
16 UBRR
1
+
()
----------------------------------------
=
UBRR
f
OSC
16BAUD
------------------------
1
–
=
BAUD
f
OSC
8 UBRR
1
+
()
------------------------------------
=
UBRR
f
OSC
8BAUD
---------------------1
–
=
BAUD
f
OSC
2 UBRR
1
+
()
------------------------------------
=
UBRR
f
OSC
2BAUD
---------------------1
–
=
f
XCK
f
OS C
4
-----------
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com