Electronic Components Datasheet Search
  English  ▼

X  

MUX8520 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # MUX8520
Description  MUX8520 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MUX8520 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  MUX8520 Datasheet HTML 1Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 2Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 3Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 4Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 5Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 6Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 7Page - Aeroflex Circuit Technology MUX8520 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SCD8520 Rev B 5/17/11
Aeroflex Plainview
Positive Input
Leakage Current
(CH0-CH15)
+ISOFFOUTPUT(ALL)
VIN = +10V, VEN = 4V, output and all unused MUX inputs
under test = -10V
2/, 3/
-100
+700
nA
Negative Input
Leakage Current
(CH0-CH15)
-ISOFFOUTPUT(ALL)
VIN = -10V, VEN = 4V, output and all unused MUX inputs
under test = +10V 2/, 3/
-100
+700
nA
Positive Output
Leakage Current
OUTPUT (pin 12)
+IDOFFOUTPUT(ALL)
VOUT = +10V, VEN = 4V, output and all unused MUX inputs
under test = -10V 3/, 4/
-100
+100
nA
Negative Output
Leakage Current
OUTPUT (pin 12)
-IDOFFOUTPUT(ALL)
VOUT = -10V, VEN = 4V, output and all unused MUX inputs
under test = +10V 3/, 4/
-100
+100
nA
Input Clamped Voltage
(CH0-CH15)
+VCLMP
VEN = 4V, all unused MUX inputs under test
are open.
3/
+25°C
+125°C
-55°C
18.0
18.0
17.5
23.0
23.5
22.5
V
V
V
Input Clamped Voltage
(CH0-CH15)
-VCLMP
+25°C
+125°C
-55°C
-23.0
-23.5
-22.5
-18.0
-18.0
-17.5
V
V
V
Switch ON Resistance
OUTPUTS (pin 12)
RDS(ON)(0-15)
A
VIN = +15V, VEN = 0.8V, IOUT = -1mA 2/, 3/, 5/
500
3000
RDS(ON)(0-15)
B
VIN = +5V, VEN = 0.8V, IOUT = -1mA 2/, 3/, 5/
500
3000
RDS(ON)(0-15)
C
VIN = -5V, VEN = 0.8V, IOUT = +1mA 2/, 3/, 5/
500
3000
Notes:
1/ Measure inputs sequentially. Ground all unused inputs of the device under test. VA is the applied input voltage to the address lines A(0-3).
2/ VIN is the applied input voltage to the input channels (CH0-CH15).
3/ VEN is the applied input voltage to the enable line EN(0-15).
4/ VOUT is the applied input voltage to the output line OUTPUT (0-15)
5/ Negative current is the current flowing out of each of the MUX pins. Positive current is the current flowing into each MUX pin.
6/ Not tested, guaranteed to the specified limits.
SWITCHING CHARACTERISTICS
(TC = -55°C TO +125°C, +VEE = +15V, -VEE = -15V, VREF = +5.0V - UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Max
Units
Switching Test MUX
tAHL
RL = 10K
CL = 50pF
10
1500
ns
tALH
RL = 10K
CL = 50pF
Tc = +25°C, +125°C
Tc = -55°C
10
10
2000
5000
ns
ns
tONEN
RL = 1K
CL = 50pF
10
1500
ns
tOFFEN
10
1000
ns
DC ELECTRICAL PERFORMANCE CHARACTERISTICS 1/ (continued)
(TC = -55°C TO +125°C, +VEE = +15V, -VEE = -15V, VREF = +5.0V -- UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com