Electronic Components Datasheet Search
  English  ▼

X  

ICS1524MT Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS1524MT
Description  Dual Output Phase Controlled SSTL-3/PECL Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1524MT Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS1524MT Datasheet HTML 5Page - Integrated Circuit Systems ICS1524MT Datasheet HTML 6Page - Integrated Circuit Systems ICS1524MT Datasheet HTML 7Page - Integrated Circuit Systems ICS1524MT Datasheet HTML 8Page - Integrated Circuit Systems ICS1524MT Datasheet HTML 9Page - Integrated Circuit Systems ICS1524MT Datasheet HTML 10Page - Integrated Circuit Systems ICS1524MT Datasheet HTML 11Page - Integrated Circuit Systems ICS1524MT Datasheet HTML 12Page - Integrated Circuit Systems ICS1524MT Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
ICS1524
ICS1524 Rev C 01/31/2003
Name:
DPA Control Register
Register:
5h
Index:
Read / Write*
Bit Name
Bit # Reset Value
Description
DPA_Res 0-1
0 - 1
3
Dynamic Phase Adjust Resolution Select.
Metal_Rev
2- 7
0
Metal Mask Revision Number.
Bit
Name
Description
0-1
DPA_Res 0 -1
Dynamic Phase Adjust (DPA) Resolution Select.
It is not recommended to use the DPA above 160 MHz.
2-7
Metal_Rev
Metal Mask Revision Number.
After power-up, register bits 7:2 must be written with 111111. After this write,
a read indicates the metal mask revision, as below.
* Double-buffered register. Actual working registers are loaded during software DPA reset.
See register 8h for details.
Bit 1
Bit 0
Delay Elements
0
0
16
48
160
0
1
32
24
80
10
Reserved
1
1
64
12
40
CLK Range, MHz
n
o
i
s
i
v
e
R7
t
i
B6
t
i
B5
t
i
B4
t
i
B3
t
i
B2
t
i
B
A
11111
1
B
0
1111
1
1
C
1
0
111
1
2
C
0
0
111
1
D1
1
0
1
1
1
E
111
0
1
1
F
1111
0
1
G
11111
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com