Electronic Components Datasheet Search
  English  ▼

X  

PCS5035-7 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # PCS5035-7
Description  PCS5035 Quintet Precision Current Sources Built-In Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PCS5035-7 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  PCS5035-7 Datasheet HTML 1Page - Aeroflex Circuit Technology PCS5035-7 Datasheet HTML 2Page - Aeroflex Circuit Technology PCS5035-7 Datasheet HTML 3Page - Aeroflex Circuit Technology PCS5035-7 Datasheet HTML 4Page - Aeroflex Circuit Technology PCS5035-7 Datasheet HTML 5Page - Aeroflex Circuit Technology PCS5035-7 Datasheet HTML 6Page - Aeroflex Circuit Technology PCS5035-7 Datasheet HTML 7Page - Aeroflex Circuit Technology PCS5035-7 Datasheet HTML 8Page - Aeroflex Circuit Technology PCS5035-7 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
SCD5035 Rev J 10/22/2014
Aeroflex Plainview
FIGURE 3 – Typical Temperature Sensing Application
VIN_1
VOUT_1
I = 80µA
VOUT_2
VOUT_3
VOUT_4
VOUT_5
+5V
10K
10K
VIN_2
VIN_4
VIN_5
IOUT_5
+
-
+
-
VIN_3
IOUT_1
Temp
T1
Temp
T5
1
5
+2V
CL
CL
T1
V_OUT1
t
T5
V_OUT5
t
One primary application for the Aeroflex PCS5035, as shown in Figure 3 below, would be to monitor the
temperature of different electronic bay areas in a Satellite, and report when any bay area has exceeded a
maximum temperature limit.
Thermistors with defined temperature characteristics are used as the sensors, and by providing a constant
stable current to the external Thermistor (Temp T1 to Temp T5), an accurate analog voltage of a specified
temperature trip point can be established. The comparator voltage reference input can be tailored to set the
trip point for the characteristic of the particular thermistor sensor used. The on-board precision 2V reference
can be used directly for voltages of 2 volts or less, or can be scaled with an external operational amplifier to
provide a voltage between 2 volts and the maximum input of 3.1V. Various temperature trip points could be
accomplished by using thermistors with different temperature characteristics.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com