Electronic Components Datasheet Search
  English  ▼

X  

PCS5035-S Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # PCS5035-S
Description  PCS5035 Quintet Precision Current Sources Built-In Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

PCS5035-S Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  PCS5035-S Datasheet HTML 1Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 2Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 3Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 4Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 5Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 6Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 7Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 8Page - Aeroflex Circuit Technology PCS5035-S Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
SCD5035 Rev J 10/22/2014
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS
Parameter
Range
Units
Operating Case Temperature
-55 to +125
°C
Storage Case Temperature
-65 to +150
°C
Power Supply Voltages (VCC)+7.0
V
NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress rating only;
functional operation beyond the "Operation Conditions" is not recommended and extended exposure beyond the "Operation Conditions" may affect
device reliability.
ELECTRICAL PERFORMANCE CHARACTERISTICS
(TC = -55°C TO +125°C, +VCC = +5.0VDC ±5% -- UNLESS OTHERWISE SPECIFIED )
Parameter
Symbol
Condition
Min
Max
Unit
Source Current 1-5 1/
IO
0
 VIN  3.1V, VEN = VENH
77
83
µA
IOFF
0
 VIN  3.1V, VEN = VENL
-150
nA
Comparator In Voltage
VIN
IOUT = 80µA
0
3.1
V
Comparator Ref In Voltage 2/VREF
-3.1
V
Comparator Ref In Current
IREF
-
1200
nA
Enable Input Voltage Low
VENL
-0.8
V
Enable Input Voltage High
VENH
2.4
-
V
Comparator Hysteresis 2/-
-
30
mV
Output Voltage Low 1-5 1/VOL
ISINK
 2.0mA
-
0.4
V
Output Voltage High 1-5 1/VOH
4.4
-
V
Input Open Circuit Voltage
VINOC
4.0
4.6
V
Band Gap Regulator Output Voltage
VBG
TA = 25°C
1.990
2.010
V
TC = -55°C, +125°C
1.980
2.020
V
BG Regulator Voltage Max Change 1/ 2/
BG
-75
75
mV
Band Gap Load Regulation
IBG = 0 to 2mA
-5
5
mV
Internal Output Pull-Up Resistor
RINT
812
K
Comparator Pulse Delay Low to High
tDLH
CL = 37pF , VEN = VENH, VREF = 1V, VIN
= 2V, ISINK = 0, See Figure 2 3/
0.2
10
µS
Comparator Pulse Delay High to Low
tDHL
80
150
nS
Enable Delay to Vout
tEDVLH
CL = 37pF, VIN = 0V, VREF = 1V,
ISINK = 0, See Figure 2
3/
100
1500
nS
tEDVHL
500
3000
nS
Enable Delay to Iout
tEDILH
CL = 68pF, ISINK = 0, See Figure 2
3/
100
250
nS
tEDIHL
100
250
nS
Supply current
Disabled
Enabled 1/
ICCD
ICCE
-
-
4.0
7.0
mA
mA
Notes:
1/ The active element that makes up this device has been tested to 200 krad(Si) to assure RHA designator level ’R’ (100 krad(Si)) of Method 1019,
condition A of MIL-STD-883 at +25°C for these parameters. The element will be re-tested after design or process changes that can affect RHA
response of these elements.
2/ Guaranteed by design, but not tested.
3/ Test fixture node capacitance plus 10pF scope capacitance.
VBG
IBG



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com