Electronic Components Datasheet Search
  English  ▼

X  

RDC5028C Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # RDC5028C
Description  RDC5028C 16-Bit Monolithic Tracking Rad Tolerant Resolver-To-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RDC5028C Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  RDC5028C Datasheet HTML 1Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 2Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 3Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 4Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 5Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 6Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 7Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 8Page - Aeroflex Circuit Technology RDC5028C Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
SCD5028-2 Rev G 5/7/2014
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS *
PARAMETER
VALUE
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Positive Power Supply Voltage (VCC = VDD)
-0.5 V to +7.0 V
Analog Output Current (Output Shorted to GND)
32 mA Max
Digital Output Current (Output Shorted to GND)
18.6 mA Max
Analog Input Voltage Range
-0.5 V to + (VCC + 0.5 V)
Digital Input Voltage Range
-0.5 V to + (VDD + 0.5 V)
Thermal Resistance ØJC Specification
1.25°C/W
Maximum Junction Temperature
135°C
Lead Temperature (soldering, 10 seconds)
300°C
ESD Class 2 MIL-STD-883 Method 3015, 8
2000 V to 3999 V
* Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device.
These are stress ratings only; functional operation beyond these operating conditions is not recommended and extended
exposure beyond these operating conditions may effect device reliability.
OPERATING CONDITIONS
(TA = -55°C to +125°C)
POWER SUPPLY
PARAMETER
MIN
TYP
MAX
UNIT
VDD = VCC
Operating Voltage
4.5
5
5.5
VDC
IDD + ICC 9/
Operating Current
-
20
35
mA
VLI/O
Interface Voltage
3
3.3, 5
5.5
VDC
ELECTRICAL CHARACTERISTICS 2/, 5/, 6/
(TA = -55°C to +125°C)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Accuracy 4/ 8/ 9/
Add 1 LSB for total Error,
Using INL correction factors.
-
+/-2
+/-5.0
Minutes
Add 1 LSB for total Error,
Not compensated by INL correction factors
-
+/-4
+/-10.0
Repeatability
-
-
1
LSB
Resolution per LSB
10 Bit Mode
0.35
-
-
Degrees
21.1
-
-
Minutes
12 Bit Mode
0.09
-
-
Degrees
5.27
-
-
Minutes
14 Bit Mode
0.022
-
-
Degrees
1.32
-
-
Minutes
16 Bit Mode
0.0055
-
-
Degrees
0.33
-
-
Minutes
Max Tracking Rate
SC1 SC2
Bits Used
10 Bit Mode 3/
0
0
B1 - B10
1024
-
-
RPS
12 Bit Mode 3/
0
1
B1 - B12
256
-
-
RPS
14 Bit Mode 3/
1
0
B1 - B14
64
-
-
RPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com