Electronic Components Datasheet Search
  English  ▼

X  

MD605S-09RWi Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MD605S-09RWi
Description  2:1 Input, SIP, High Isolation, 6W DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MD605S-09RWi Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MD605S-09RWi Datasheet HTML 1Page - MicroPower Direct, LLC MD605S-09RWi Datasheet HTML 2Page - MicroPower Direct, LLC MD605S-09RWi Datasheet HTML 3Page - MicroPower Direct, LLC MD605S-09RWi Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
• 6W Output Power
• Miniature SIP Case
• 2:1 Input Voltage Range
• 3,000 VDC Isolation
• 36 Standard Models
• Short Circuit Protected
• -40°C to +65°C Operation
• Single & Dual Outputs
• Industry Standard Pin-Out
MD600xRWI
2:1 Input, SIP,
High Isolation, 6W
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
9.0
VDC
12 VDC Input
9.0
12.0
18.0
24 VDC Input
18.0
24.0
36.0
48 VDC Input
36.0
48.0
75.0
Input Reflected Ripple Current
30
mA P - P
Start Up Time
See Note 1
30
mS
Input Filter
Capacitor Filter
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
%
Line Regulation
VIN = Min to Max
±0.2
%
Load Regulation
IOUT = 0% to 100%
±1.0
%
Cross Regulation
See Note 2
±5.0
%
Ripple & Noise (20 MHz)
See Note 3
75
mV P - P
Transient Recovery Time
See Note 4
0.5
mSec
Transient Response Deviation
±3.0
%
Temperature Coefficient
±0.02
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
3,000
VDC
Isolation Resistance
1.0
G
Isolation Capacitance
50
pF
Switching Frequency
100
kHz
EMI Characteristics
Parameter
Standard
Level
Radiated Emissions
EN 55022
Class A
Conducted Emissions
See Note 4 Pg 3
EN 55022
Class A
ESD
EN 61000-4-2
Criteria A; ±8 kV Air
Criteria A; ±6 kV Contact
RS
EN 61000-4-3
Criteria A; 10V/m
EFT
See Note 6 Pg 3
EN 61000-4-4
Criteria A; ±2 kV
Surge
See Note 6 Pg 3
EN 61000-4-5
Criteria A; ±1 kV
CS
EN 61000-4-6
Criteria A; 10 Vrms
PFMF
EN 61000-4-8
Criteria A; 1A/m
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+65
°C
Operating Temperature Range
Case
+105
°C
Storage Temperature Range
-55
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Drawing (Page 4)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.166 Oz (4.8g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
770
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
15.0
VDC
12 VDC Input
25.0
24 VDC Input
50.0
48 VDC Input
100.0
Lead Temperature
1.5 mm From Case for 10 Sec
260
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Series


Similar Part No. - MD605S-09RWi

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MD605S-09RWi MPD-MD605S-09RWi Datasheet
840Kb / 4P
2:1 Input, SIP, High Isolation, 6W DC/DC Con vert ers
More results

Similar Description - MD605S-09RWi

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221I ETC1-D221I Datasheet
97Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D100I MPD-D100I Datasheet
201Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
D200I MPD-D200I Datasheet
197Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
E100I MPD-E100I Datasheet
185Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
logo
Tumbler Technologies + ...
TSAA-1S053.3 TRUMPOWER-TSAA-1S053.3 Datasheet
26Kb / 1P
DC/DC CONVERTERS 2:1 Input, 8-pin SIP, 1-2 Watts
logo
MicroPower Direct, LLC
MD605S-03FW MPD-MD605S-03FW Datasheet
808Kb / 4P
2:1 Input, 6W SIP, Single & Dual Output DC/DC Converters
MHI600ARWI8 MPD-MHI600ARWI8 Datasheet
545Kb / 2P
Wide Input, 6W DIP Ultra-High Isolation DC/DC Converters
logo
Toppower Electronic Tec...
TP06AC TOPPOWER-TP06AC Datasheet
246Kb / 3P
6W 4KV Isolation Wide Input AC/DC Converters
logo
MicroPower Direct, LLC
MD600XRWI MPD-MD600XRWI Datasheet
840Kb / 4P
2:1 Input, SIP, High Isolation, 6W DC/DC Con vert ers
logo
Toppower Electronic Tec...
TP06AZ TOPPOWER-TP06AZ Datasheet
288Kb / 3P
6W 3KV Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com