Electronic Components Datasheet Search
  English  ▼

X  

RHD5928 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # RHD5928
Description  RadHard-by-Design RHD5928 Analog Multiplexer 8-Channel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5928 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  RHD5928 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5928 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5928 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5928 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5928 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5928 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCD5928 Rev D
FEATURES
Single power supply operation at 3.3V to 5V
Radiation performance
- Total dose:
> 1 Mrad(Si); Dose rate = 50 - 300 rads(Si)/s
- ELDRS Immune
- SEL Immune
> 100 MeV-cm2/mg
- Neutron Displacement Damage
> 1014 neutrons/cm2
Full military temperature range
Rail to Rail operation
Low power consumption < 4.0mW
One address bus (A0-2), and one enable line
Designed for aerospace and high reliability space applications
Packaging – Hermetic ceramic SOIC
- 16-pin, .411"L x .293"W x .105"Ht
- Weight - 0.8 grams max
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
RadHard-by-Design
GENERAL DESCRIPTION
Aeroflex’s RHD5928 is a radiation hardened, single supply, 8 Channel Multiplexer in a 16-pin SOIC
package. The RHD5928 design uses specific circuit topology and layout methods to mitigate total ionizing
dose effects and single event latchup. These characteristics make the RHD5928 especially suited for the
harsh environment encountered in Deep Space missions. It is guaranteed operational from -55°C to
+125°C. Available screened in accordance with MIL-PRF-38534 Class K, the RHD5928 is ideal for
demanding military and space applications.
ORGANIZATION AND APPLICATION
The RHD5928 is an 8 to 1 CMOS multiplexer. Channel selection is controlled by 3 bit binary addressing
and an active low enable. All inputs and outputs are diode protected.
The devices will not latch with SEU events to above 100 MeV-cm2/mg. Total dose degradation is minimal
to above 1 Mrad(Si). Displacement damage environments to neutron fluence equivalents in the mid 1014
neutrons per cm2 range are readily tolerated. There is no sensitivity to low-dose rate (ELDRS) effects. SEU
effects are application dependent.
Standard Products
March 4, 2014
www.aeroflex.com/RHDseries
RHD5928 Analog Multiplexer
8-Channel
Datasheet


Similar Part No. - RHD5928

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5921-201-1S AEROFLEX-RHD5921-201-1S Datasheet
333Kb / 6P
RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5921-201-2S AEROFLEX-RHD5921-201-2S Datasheet
333Kb / 6P
RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5921-7 AEROFLEX-RHD5921-7 Datasheet
333Kb / 6P
RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5921-901-1S AEROFLEX-RHD5921-901-1S Datasheet
333Kb / 6P
RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
More results

Similar Description - RHD5928

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5911 AEROFLEX-RHD5911 Datasheet
257Kb / 5P
RadHard-by-Design RHD5911 Quad Comparator Clocked
RHD5930 AEROFLEX-RHD5930 Datasheet
296Kb / 4P
RadHard-by-Design RHD5930 Digital-to-Analog Converter 11-Bit Ladder Output
RHD5940 AEROFLEX-RHD5940 Datasheet
445Kb / 6P
RadHard-by-Design RHD5940 14-Bit Analog to Digital Converter
RHD5950 AEROFLEX-RHD5950 Datasheet
420Kb / 8P
RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5958 AEROFLEX-RHD5958 Datasheet
470Kb / 8P
RadHard-by-Design RHD5958 8-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5922 AEROFLEX-RHD5922 Datasheet
122Kb / 6P
RadHard-by-Design RHD5922 Analog Multiplexer 16-Channel, Sample-and-Hold
RHD5964 AEROFLEX-RHD5964 Datasheet
250Kb / 5P
RadHard-by-Design RHD5964 Precision Voltage Reference
RHD8540 AEROFLEX-RHD8540 Datasheet
357Kb / 8P
RadHard-by-Design RHD8540 64-Channel Analog Multiplexer 32-Channel Kelvin Measurement Configured
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com