Electronic Components Datasheet Search
  English  ▼

X  

RHD5964 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # RHD5964
Description  RadHard-by-Design RHD5964 Precision Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5964 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  RHD5964 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5964 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5964 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5964 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5964 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCD5964 Rev A
FEATURES
Operating voltage range: 3 volts to 6 volts.
Radiation performance
- Total dose:
> 1 Mrad(Si); Dose rate = 50 - 300 rads(Si)/s
- ELDRS Immune
- SEL Immune
> 100 MeV-cm2/mg
- Neutron Displacement Damage
> 1014 neutrons/cm2
2.50V Precision Voltage Reference
Power at 5 volts: 5mW
2000V Input/Output ESD protection
Full military temperature range
Designed for aerospace and high reliability space applications
Packaging – Hermetic Ceramic Surface Mount
- Weight - 2.0 gm max
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
RadHard-by-Design
GENERAL DESCRIPTION
Aeroflex’s RHD5964 is a radiation hardened, single supply, Voltage Reference in a 3-pad SMD-0.5
Packages. The RHD5964 design uses specific circuit topology and layout methods to mitigate total ionizing
dose effects and single event latchup. These characteristics make the RHD5964 especially suited for the
harsh environment encountered in Deep Space missions. It is guaranteed operational from -55°C to
+125°C. Available screened in accordance with MIL-PRF-38534 Class K, the RHD5964 is ideal for
demanding military and space applications.
The RHD5964 integrated circuit die is mounted directly to the metal signal pad providing optimum thermal
conduction to the printed circuit board bond sites.
Standard Products
December 8, 2014
www.aeroflex.com/RHDseries
RHD5964 Precision Voltage Reference
Advanced


Similar Part No. - RHD5964

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-201-1S AEROFLEX-RHD5900-201-1S Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-201-2S AEROFLEX-RHD5900-201-2S Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-901-1S AEROFLEX-RHD5900-901-1S Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-901-2S AEROFLEX-RHD5900-901-2S Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
More results

Similar Description - RHD5964

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5901 AEROFLEX-RHD5901 Datasheet
294Kb / 7P
RadHard-by-Design RHD5901 Quad Operational Amplifier Hi-Z Output Control
RHD5903 AEROFLEX-RHD5903 Datasheet
353Kb / 6P
RadHard-by-Design RHD5903 Quad Operational Amplifier Differential Outputs with Enable
RHD5910 AEROFLEX-RHD5910 Datasheet
285Kb / 5P
RadHard-by-Design RHD5910 Quad Comparator High Speed
RHD5911 AEROFLEX-RHD5911 Datasheet
257Kb / 5P
RadHard-by-Design RHD5911 Quad Comparator Clocked
RHD5912 AEROFLEX-RHD5912 Datasheet
320Kb / 6P
RadHard-by-Design RHD5912 Quad Comparator Open Drain Outputs
RHD5940 AEROFLEX-RHD5940 Datasheet
445Kb / 6P
RadHard-by-Design RHD5940 14-Bit Analog to Digital Converter
RHD5980 AEROFLEX-RHD5980 Datasheet
403Kb / 5P
RadHard-by-Design RHD5980 Octal Bus Transceiver Bidirectional Voltage Level Shifter
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5928 AEROFLEX-RHD5928 Datasheet
326Kb / 6P
RadHard-by-Design RHD5928 Analog Multiplexer 8-Channel
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com