Electronic Components Datasheet Search
  English  ▼

X  

UT04VS33P Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # UT04VS33P
Description  UT04VS33P Voltage Supervisor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT04VS33P Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button UT04VS33P Datasheet HTML 7Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 8Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 9Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 10Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 11Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 12Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 13Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 14Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 15Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
sistive divider, the maximum voltage of the monitored signal
can be greater than the maximum level when using the preset
threshold, as given by:
Vmonitor < [(RT + RB)/RB] * VRFTH
where RT is the top resistor of the divider and RB is the lower
resistor, tied to VSS. One should account for resistor toleranc-
es. Also, with the resistive divider tied to VSS, the minimum
voltage that can be monitored is VRFTH. It is possible to tie the
resistive divider to the VDD supply and, hence, monitor signals
lower than VRFTH. If this arrangement is used, the variation in
the VDD supply will affect the result.
Enables
Each channel has an enable, ENx. When a channel is disabled
its corresponding output is held in the logic 0 state. Also, the
outputs are not affected by any changes of signals that may oc-
cur on disabled channels. However, when a channel is enabled,
the outputs are put into the mode for the length of time as deter-
mined by RESET timeout. As noted, when the OVSH is logic
1, the enables of channels 1 and 3 are connected together to af-
fect channel 1 output and those for channels 2 and 4 affect chan-
nel 2 output. See Figure 4 for timing. The condition whereby all
four enables are in the logic 0 state is reserved and should not
be used.
Master Reset
The device has a master reset (inverted logic) input, MRB,
which provides a means for the system reset to be combined
with the voltage supervisor reset functionality. The timing of
this input with respect to the RESET/RESETB outputs is shown
in Figure 5. Timing specifications are given in the AC Charac-
teristics table. An RC time constant can be associated with this
pin to extend the RESET state.
Timing (CDLY, CRESET)
Many of the timing parameters of the device are fixed and listed
in the AC Characteristics table. Along with those are the default
value for the CDLY function, response time of VOUTx after
the corresponding input signal becomes valid, and the C func-
tion, defining the timeout until an output is released after an
event (an ENx or all enabled VOUTx becoming valid).
CDLY timing
The delay time (tDELAY+) for each channel is independently ad-
justable by adding a capacitor to the desired CDLYx pin. The
equation that defines the delay is:
tDELAY+ = (Cdly + 18pF) * (VTH_CDLY)/ ICH_CDLY
where Cdly is the user chosen, external capacitance connected
to CDLY pin, 18pF is the internal capacitance (any significant
board capacitance should be added), ICH_CDLY is the charging
current with value given in the DC Characteristics table and
VTH_CDLY is the threshold voltage utilized by this function,
also given in the DC Characteristics table.
CRESET timing
The timeout for the outputs (tRP) when activated by changes of
an ENx or VINx signal, is adjustable by the addition of an ex-
ternal capacitor to the CRESET pin. The equation that defines
the RESET timeout period is:
tRP=(Creset+ 40pF)*(VTH_CRESET) /ICH_RESET
where Creset is the user chosen, external capacitance, 40pF is
the device default and parasitic capacitance (any significant
board capacitance should be added), ICH_RESET is the charging
current with value given in the DC Characteristics table and
VTH_CRESET is the threshold voltage utilized by this function,
also given in the DC Characteristics table.
Output drive (open drain - power, speed)
The outputs from the device, RESET, RESETB and VOUTx
are of the open drain type, having only an active pulldown, with
characteristics given in the DC and AC Characteristics tables.
Hence, the user must supply an appropriate valued resistor for
the pullup. Note: This allows for 1) the connecting of several
outputs from the given device or other devices and 2) provides
for voltage drive-level adjustment by connecting the resistor to
an appropriate supply (note the voltage level is constrained by
the operating voltage of this device, VDD).
INV function
For further system interface flexibility, the INV pin provides
for the logical inversion of the channel 3 and 4 VOUT signals.
In all modes, the logic level of the output is inverted from its
normal state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com