Electronic Components Datasheet Search
  English  ▼

X  

MI2500RW Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MI2500RW
Description  Compact, 25W, 2:1 Input Range DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MI2500RW Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MI2500RW Datasheet HTML 1Page - MicroPower Direct, LLC MI2500RW Datasheet HTML 2Page - MicroPower Direct, LLC MI2500RW Datasheet HTML 3Page - MicroPower Direct, LLC MI2500RW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
• Heatsink is black, anodized aluminum
Mechanical Dimensions
Mechanical Dimensions: With Optional Heatsink
Pin
Single
Pin
Dual
1+VIN
1+VIN
2-VIN
2-VIN
3+VOUT
3+VOUT
4
Trim
4
Common
5-VOUT
5-VOUT
6
Remote On/Off
6
Remote On/Off
Pin Connections
For the heatsink option, add suffix “H” to the
model number (i.e. MI2524S-12RW-H)
Parameter
Min
Typ
Max
Units
Supply On
3.5
12.0
VDC
Supply Off
0.0
1.2
VDC
Standby Input Current
3.0
mA
Control Common
Referenced to Negative Input (pin 2)
Control Input Current (ON)
0.5
mA
Control Input Current (OFF)
-0.5
mA
Remote On/Off
Applying a signal to pin 3 will turn the unit ON/OFF. If the
pin is left open, the unit operates. If grounded, the unit will
shut off. The specifications for the ON/OFF function are
given in the table at left.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com