Electronic Components Datasheet Search
  English  ▼

X  

CLC400 Datasheet(PDF) 2 Page - Texas Instruments

Part # CLC400
Description  Fast Settling, Wideband Low Gain Monolithic Op Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC400 Datasheet(HTML) 2 Page - Texas Instruments

  CLC400 Datasheet HTML 1Page - Texas Instruments CLC400 Datasheet HTML 2Page - Texas Instruments CLC400 Datasheet HTML 3Page - Texas Instruments CLC400 Datasheet HTML 4Page - Texas Instruments CLC400 Datasheet HTML 5Page - Texas Instruments CLC400 Datasheet HTML 6Page - Texas Instruments CLC400 Datasheet HTML 7Page - Texas Instruments CLC400 Datasheet HTML 8Page - Texas Instruments CLC400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
OBSOLETE
CLC400
SNOS848F – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage (VCC)
±7V
IOUT
Output is short circuit protected to ground, but maximum reliability will be maintained if
IOUT does not exceed...
60mA
Common Mode Input Voltage
±VCC
Differential Input Voltage
10V
Junction Temperature
+150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Solder Duration (+300°C)
10 sec
ESD rating (human body model)
500V
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device are not ensured. They are not meant to imply that
the devices should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
OPERATING RATINGS
Thermal Resistance
Package
(
θJC)
(
θJA)
MDIP
70°C/W
125°C/W
SOIC
65°C/W
145°C/W
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: CLC400



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com