Electronic Components Datasheet Search
  English  ▼

X  

CLC414 Datasheet(PDF) 1 Page - Texas Instruments

Part # CLC414
Description  Quad, Low Power Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC414 Datasheet(HTML) 1 Page - Texas Instruments

  CLC414 Datasheet HTML 1Page - Texas Instruments CLC414 Datasheet HTML 2Page - Texas Instruments CLC414 Datasheet HTML 3Page - Texas Instruments CLC414 Datasheet HTML 4Page - Texas Instruments CLC414 Datasheet HTML 5Page - Texas Instruments CLC414 Datasheet HTML 6Page - Texas Instruments CLC414 Datasheet HTML 7Page - Texas Instruments CLC414 Datasheet HTML 8Page - Texas Instruments CLC414 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
OBSOLETE
CLC414
www.ti.com
SNOS855E – AUGUST 2000 – REVISED APRIL 2013
CLC414 Quad, Low Power Monolithic Op Amp
Check for Samples: CLC414
1
FEATURES
DESCRIPTION
The CLC414 is a low power, quad, monolithic
2
•
90MHz Small Signal Bandwidth
operational amplifier designed for intermediate gain
•
2mA Quiescent Current Per Amplifier
applications where power and cost per channel are of
•
70dB Channel Isolation @ 5MHz
primary
concern.
Benefitting
from
TI's
current
feedback architecture, the CLC414 offers a gain
•
0.1%/0.12° Differential Gain/Phase
range of ±1 to ±10 while providing stable, oscillation
•
16ns Settling to 0.1%
free operation without external compensation, even at
•
100V/µs Slew Rate
unity gain.
•
3.3ns Rise and Fall Time (2VPP)
Operating from ±5V supplies, the CLC414 consumes
•
70mA Output Current
only 25mW of power per channel, yet maintains a
90MHz small signal bandwidth and a 1000V/µs slew
rate. The CLC414 also provides wide channel
APPLICATIONS
isolation with its 70dB crosstalk (input referred at
•
Composite Video Distribution Amps
5MHz). Applications requiring a high density solution
•
HDTV Amplifiers
to high speed amplification such as active filters and
instrumentation
diff
amps
will
benefit
from
the
•
RGB Video Amplifiers
CLC414's four integrated, wideband op amps in one
•
CCD Signal Processing
14-pin package.
•
Active Filters
Commercial remote sensing applications and battery
•
Instrumentation Diff. Amps
powered
radio
transceivers
requiring
high
•
General Purpose High Density Requirements
performance, low power will find the CLC414 to be an
attractive, cost effective solution. In composite video
switching and distribution applications, the CLC414
offers differential gain and phase performance of
0.1%, 0.12° at 3.58MHz.
The lower power CLC414 and the wideband CLC415
are quad versions of the CLC406. Both of these
quads afford the designer lower power consumption
and lower cost per channel with the additional benefit
of requiring less board space per amplifier.
Construction using an advanced, complementary
bipolar process and TI's proven current feedback
architecture, the CLC414 is available in several
versions to meet a variety of requirements.
Enhanced Solutions (Military/Aerospace)
SMD Number: 5962-91693
Space level versions also available.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CLC414

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC414 NSC-CLC414 Datasheet
431Kb / 6P
Quad, Low-Power Monolithic Op Amp
CLC414A8B NSC-CLC414A8B Datasheet
431Kb / 6P
Quad, Low-Power Monolithic Op Amp
CLC414AJE NSC-CLC414AJE Datasheet
431Kb / 6P
Quad, Low-Power Monolithic Op Amp
CLC414AJP NSC-CLC414AJP Datasheet
431Kb / 6P
Quad, Low-Power Monolithic Op Amp
CLC414ALC NSC-CLC414ALC Datasheet
431Kb / 6P
Quad, Low-Power Monolithic Op Amp
More results

Similar Description - CLC414

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC406 NSC-CLC406 Datasheet
432Kb / 6P
Wideband, Low Power Monolithic Op Amp
CLC414 NSC-CLC414 Datasheet
431Kb / 6P
Quad, Low-Power Monolithic Op Amp
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
Quad, Wideband Monolithic Op Amp
logo
Toshiba Semiconductor
TA8449P TOSHIBA-TA8449P Datasheet
187Kb / 5P
QUAD POWER OP. AMP
logo
Analog Devices
AD847 AD-AD847 Datasheet
241Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV.F
logo
AUK corp
S324 AUK-S324 Datasheet
205Kb / 3P
Low Power Quad OP AMP
S324P AUK-S324P Datasheet
207Kb / 3P
Low Power Quad OP AMP
S324 AUK-S324_1 Datasheet
221Kb / 4P
Low Power Quad OP AMP
S324P AUK-S324P_1 Datasheet
256Kb / 4P
Low Power Quad OP AMP
logo
KODENSHI_AUK CORP.
SN324 KODENSHI-SN324 Datasheet
372Kb / 8P
Low Power Quad OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com