Electronic Components Datasheet Search
  English  ▼

X  

IRLML5103 Datasheet(PDF) 7 Page - International Rectifier

Part # IRLML5103
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML5103 Datasheet(HTML) 7 Page - International Rectifier

  IRLML5103 Datasheet HTML 1Page - International Rectifier IRLML5103 Datasheet HTML 2Page - International Rectifier IRLML5103 Datasheet HTML 3Page - International Rectifier IRLML5103 Datasheet HTML 4Page - International Rectifier IRLML5103 Datasheet HTML 5Page - International Rectifier IRLML5103 Datasheet HTML 6Page - International Rectifier IRLML5103 Datasheet HTML 7Page - International Rectifier IRLML5103 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRLML6402
www.irf.com
7
Micro3
™
™
™
™
™
Dimensions are shown in millimeters (inches)
Part Marking Information
Micro3
™
™
™
™
™
Package Outline
L EAD ASSIG N M E N T S
1 - G A T E
2 - SO URCE
3 - D R AIN
L
3X
3X
C
θ
A1
- C -
B
3X
A
e
e1
0.008 (.0 03)
3
1
2
E
- A -
- B -
D
H
0.20 ( .00 8 )
M
A M
DIM
IN C H E S
M ILL IM ET E R S
M IN
M A X
M IN
M A X
A
.03 2
.04 4
0.8 2
1 .11
A1
.00 1
.00 4
0.0 2
0 .10
B
.01 5
.02 1
0.3 8
0 .54
C
.004
.006
0 .10
0.15
D
.105
.120
2 .67
3.05
e
.07 50 BA S IC
1.90 B A SIC
e1
.03 75 BA S IC
0.9 5 B AS IC
E
.04 7
.055
1.2 0
1 .40
H
.083
.098
2 .10
2.50
L
.00 5
.0 10
0.1 3
0 .25
θ
0°
8 °
0°
8 °
0.10 (.00 4)
M
C A S B S
M INIM U M RECO M M EN DED FO O T PR IN T
0 .80 ( .031 )
3 X
2.00
( .079 )
0.95 ( .037 )
2X
0.90
( .0 35 )
3X
3
3
3
N O T ES:
1 . D IM EN SIO N IN G & T O L E R A N C IN G P ER A N SI Y1 4.5M -1 982.
2 . CO NTR O LLIN G DIM E NSIO N : IN CH.
DIM EN SIO NS DO NO T IN CLU D E M O LD F LASH .
PAR T N U M BER
DA T E
CO DE
W = W EEK C O D E
W O R K W EEK = (1 -26 ) IF PR EC ED ED BY L AST D IG IT O F C A LE N D ER YEAR
W O R K W EEK = ( 2 7 -5 2 ) IF PR EC ED ED BY L E T T ER
WO R K
WO R K
Y = YE A R CO DE
TO P
YEAR
Y
W EEK
W
2 001
1
01
A
2 002
2
02
B
2 003
3
03
C
1 994
4
04
D
1 995
5
1 996
6
1 997
7
1 998
8
1 999
9
2 000
0
24
X
2 5
Y
2 6
Z
PAR T N U M BER EXAM P L ES:
1A = IR LM L2402
1B = IR LM L2803
1C = IR LM L6302
1D = IR LM L5103
YEAR
Y
W EEK
W
2001
A
27
A
2002
B
28
B
2003
C
29
C
1994
D
30
D
1995
E
1996
F
1997
G
1998
H
1999
J
2000
K
50
X
5 1
Y
5 2
Z
1 C
Y W
E XA M P L E : T H IS IS A N IR LM L6302
D A T E C O D E EXAM PLES:
YW W = 9503 = 5C
YW W = 9532 = E F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com