Electronic Components Datasheet Search
  English  ▼

X  

ISD2564 Datasheet(PDF) 26 Page - Winbond

Part # ISD2564
Description  SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD2564 Datasheet(HTML) 26 Page - Winbond

Back Button ISD2564 Datasheet HTML 22Page - Winbond ISD2564 Datasheet HTML 23Page - Winbond ISD2564 Datasheet HTML 24Page - Winbond ISD2564 Datasheet HTML 25Page - Winbond ISD2564 Datasheet HTML 26Page - Winbond ISD2564 Datasheet HTML 27Page - Winbond ISD2564 Datasheet HTML 28Page - Winbond ISD2564 Datasheet HTML 29Page - Winbond ISD2564 Datasheet HTML 30Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
ISD2532/40/48/64
TABLE 11: AC PARAMETERS – Die
CHARACTERISTIC
SYMBOL
MIN
[2]
TYP
[1]
MAX
[2]
UNITS
CONDITIONS
Sampling Frequency
ISD2532
ISD2540
ISD2548
ISD2564
FS
8.0
6.4
5.3
4.0
kHz
kHz
kHz
kHz
[7]
[7]
[7]
[7]
Filter Pass Band
ISD2532
ISD2540
ISD2548
ISD2564
FCF
3.4
2.7
2.3
1.7
kHz
kHz
kHz
kHz
3 dB Roll-Off Point
[3][8]
3 dB Roll-Off Point
[3][8]
3 dB Roll-Off Point
[3][8]
3 dB Roll-Off Point
[3][8]
Record Duration
ISD2532
ISD2540
ISD2548
ISD2564
TREC
32
40
48
64
sec
sec
sec
sec
[7]
[7]
[7]
[7]
Playback Duration
ISD2532
ISD2540
ISD2548
ISD2564
TPLAY
32
40
48
64
sec
sec
sec
sec
[7]
[7]
[7]
[7]
CE
Pulse Width
TCE
100
nsec
Control/Address Setup Time
TSET
300
nsec
Control/Address Hold Time
THOLD
0
nsec
Power-Up Delay
ISD2532
ISD2540
ISD2548
ISD2564
TPUD
25.0
31.3
37.5
50.0
msec
msec
msec
msec
- 26 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com