Electronic Components Datasheet Search
  English  ▼

X  

PC332 Datasheet(PDF) 2 Page - Picker Components

Part # PC332
Description  Subminiature PCB Telecom Relay With Bifurcated Contacts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC332 Datasheet(HTML) 2 Page - Picker Components

  PC332_16 Datasheet HTML 1Page - Picker Components PC332_16 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC332 Rev C 1/15/20156
2 of 2
PC332
PC332
DIMENSIONS (mm/inches)
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays. Must Operate Voltage islisted for test purposes only and is
not to be used as design criteria. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
Dimensions are in mm, Inches are listed for reference only.
COIL DATA
Coil Voltage
(VDC)
Resistance
ohms ± 10%
Must Operate
Voltage Max
(VDC)
Must Release
Voltage Min.
(VDC)
Coil
Power
Rated
Max
3
7.5
60
2.1
0.15
0.15 W
5
12.5
167
3.5
0.25
0.15 W
6
15.0
240
4.2
0.3
0.15 W
9
22.5
540
6.3
0.45
0.15 W
12
30.0
960
8.4
0.6
0.15 W
18
40.0
1620
12.6
0.9
0.20 W
24
52.9
2880
16.8
1.2
0.20 W
48
84.9
7680
33.6
2.4
0.30 W
Coil Voltage
(VDC)
Resistance
ohms ± 10%
Must Operate
Voltage Max
(VDC)
Must Release
Voltage Min.
(VDC)
Coil
Power
Rated
Max
3
6.5
45
2.1
0.3
0.20 W
5
10.8
125
3.5
0.5
0.20 W
6
13.0
180
4.2
0.6
0.20 W
9
19.5
405
6.3
0.9
0.20 W
12
26.5
720
8.4
1.2
0.20 W
24
52.9
2880
16.8
2.4
0.20 W
48
103.9
11520
33.6
4.8
0.20 W
Wire Diagram
(Bottom View)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com