Electronic Components Datasheet Search
  English  ▼

X  

PC537 Datasheet(PDF) 2 Page - Picker Components

Part # PC537
Description  Ultraminiature 30 Amp Automotive PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC537 Datasheet(HTML) 2 Page - Picker Components

  PC537_15 Datasheet HTML 1Page - Picker Components PC537_15 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC537 Rev F 11/13/2015
2 of 2
PC537
PC537
COIL DATA
Coil Voltage
(VDC)
Coil Resistance
ohms ± 10%
Must Operate Volt-
age Max. (VDC)
Must Release
Voltage Min.
(VDC)
Coil Power Con-
sumption
(W)
Rated
Max
10
12
181
5.7
1.25
0.55
12
14.37.8
254
6.9
1.5
0.57
24
28.811.7
1010
13.8
3
0.57
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays. Must Operate Voltage is listed for test purposes only and is
not to be used as design criteria. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
Dimensions are in mm, Inches are listed for reference only.
1A
1C
PC Board Layout (Top View)
Dimensions
Mounting (Bottom View)
DIMENSIONS (mm/inches)
Wiring Diagram
(Bottom View)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com