Electronic Components Datasheet Search
  English  ▼

X  

S2060B Datasheet(PDF) 21 Page - Applied Micro Circuits Corporation

Part # S2060B
Description  GIGABIT ETHERNET TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2060B Datasheet(HTML) 21 Page - Applied Micro Circuits Corporation

Back Button S2060B Datasheet HTML 14Page - Applied Micro Circuits Corporation S2060B Datasheet HTML 15Page - Applied Micro Circuits Corporation S2060B Datasheet HTML 16Page - Applied Micro Circuits Corporation S2060B Datasheet HTML 17Page - Applied Micro Circuits Corporation S2060B Datasheet HTML 18Page - Applied Micro Circuits Corporation S2060B Datasheet HTML 19Page - Applied Micro Circuits Corporation S2060B Datasheet HTML 20Page - Applied Micro Circuits Corporation S2060B Datasheet HTML 21Page - Applied Micro Circuits Corporation S2060B Datasheet HTML 22Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
S2060
GIGABIT ETHERNET TRANSCEIVER
March 7, 2001 / Revision H
OUTPUT LOAD
The S2060 serial outputs require a resistive load to
set the output current. The recommended resistor
value is 150
Ω to ground. This value can be varied to
adjust drive current, signal voltage swing, and power
usage on the board.
ACQUISITION TIME
With the input eye diagram shown in Figure 19, the
S2060 will recover data with a 10E-9 BER within the
time specified by TLOCK in Table 9 after an instanta-
neous phase shift of the incoming data.
T
r
T
f
80%
20%
50%
80%
20%
50%
T
r
T
f
+2.0 V
+0.8 V
+2.0 V
+0.8 V
150
Ω
150
Ω
0.01
µF
0.01
µF
100
Ω
0.01
µF
0.01
µF
Vcc - 1.3 V
Bit Time
Amplitude
24%
1.3
Normalized Time
1.0
0.0
0.2
0.3
0.5
0.7
0.8
Figure 17. High Speed Differential Inputs
Figure 14. Serial Input Rise and Fall Time
Figure 18. Receiver Input Eye Diagram Jitter Mask
Figure 15. TTL Input/Output Rise and Fall Time
Figure 16. Serial Output Load
Figure 19. Acquisition Time Eye Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com