Electronic Components Datasheet Search
  English  ▼

X  

PC792C Datasheet(PDF) 1 Page - Picker Components

Part # PC792C
Description  50/40 Amp Automotive Plug-In / PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC792C Datasheet(HTML) 1 Page - Picker Components

  PC792C_15 Datasheet HTML 1Page - Picker Components PC792C_15 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice. 
 PC792C Rev E 4/28/15
1 of 2
CONTACT RATINGS 24 VDC at 25oC
FEATURES
 Most Popular Automotive Relay Footprint
 1A, 1C and 1U Contact Forms Available
 Contact Switching Capacity up to 150 Amps

50 Amps Continuous Carrying Current
 Up to 1250C Operating Temperature
 Internal Diodes or Resistors Available
 Plain Case, Metal Mounting Bracket and PC Pins
 Sockets Available
 Lead Free and RoHS Compliant
CONTACT RATINGS 14 VDC at 25oC
50/40 Amp Automotive Plug-In / PCB Power Relay
PC792C
CHARACTERISTICS
CONTACT DATA
ORDERING INFORMATION
Resistor Values:
6V -180 ohm
12V - 680 ohm
24V - 2,700 ohm
Diode: 1N4005
Contact Form
1 Form A or 1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 150 A(1)
Make 120 A
Break 50 A
Break 40 A
Max Continuous Current
50 A @ 25
°C
40 A @ 25
°C
37.5 A @ 85
°C
30 A @ 85
°C
Max Continuous Current
1 Form U
Max Switching Voltage
75 VDC
Minimum Load
0.1A @ 12VDC
2 X 30 Amps (at 20
°C)
2 X 25 Amps (at 85
°C)
Max. Switching Power
1120 W
Relative Humidity
85% at 40°C
Weight
35 grams
Storage Temperature
-40°C to 155°C
Operating Temperature
-40°C to 125
°C
Material
AgSnO2
Initial Contact Resistance
100 MΩ Max @ 0.1 A, 6 VDC
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 107 Operations
Example:
PC792C
-1C
-C1
-12
C
-N
-X
Model: PC792C
Contact Form: 1A, 1C or 1U (2 X 1A, 87 & 87b Isolated)
Case Style: C: Plug-In; C1: Plastic Bracket;
C2: Metal Bracket; P: PC Pins
Coil Voltage: 6, 12, 24
Enclosure: C: Dust Cover
Parallel Component: Nil: None; D: Diode; R: Resistor; N: Nickel Plated Terminals
RoHS Compliant: -X
Box Quantity: 400; Inner Box:100
Contact Form
1 Form A or 1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 75 A
Make 60 A
Break 25 A
Break 20 A
Max Continuous Current
25 A @ 25
°C
20 A @ 25
°C
18.75 A @ 85
°C
15 A @ 25
°C
Max Continuous Current
1 Form U
Max Switching Voltage
75 VDC
Minimum Load
0.1A @ 12VDC
2 X 15 Amps (at 20
°C)
2 X 12.5 Amps (at 85
°C)
Max. Switching Power
1120 W
Operate Time
7 msec Typical
Release Time
2 msec Typical
Insulation Resistance
100 MΩ Min @ 500VDC
Dielectric Strength
50 Hz 500VRMS 1 min. Between Contact and Coil
50 Hz 500VRMS 1 min. Between Contacts
Shock Resistance
147 m/s² 11 msec
Vibration Resistance
10-40 Hz Double Amplitude 1.5mm
Terminal Strength
8 N, 4N (PC Type)
Solderability
235
⁰C ± 2⁰C 3 sec ± 0.5 sec
Power Consumption
1.8 W
(1)
With current load applied for a maximum of 3 seconds at a maximum duty
cycle of 10%.


Similar Part No. - PC792C_15

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC792C PICKER-PC792C_17 Datasheet
614Kb / 2P
50/40 Amp Automotive Plug-In / PCB Mini ISO Relay
More results

Similar Description - PC792C_15

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC792H PICKER-PC792H Datasheet
239Kb / 3P
60/40 Amp Automotive Plug-In / PCB Power Relay
PC792A PICKER-PC792A_14 Datasheet
217Kb / 2P
40/30 Amp Automotive Plug-In / PCB Power Relay
PC792C PICKER-PC792C Datasheet
260Kb / 2P
50/40 Amp Automotive Plug-In / PCB Power Relay
PC792H PICKER-PC792H_14 Datasheet
137Kb / 2P
60/40 Amp Automotive Plug-In / PCB Power Relay
PC792A PICKER-PC792A_15 Datasheet
258Kb / 2P
40/30 Amp Automotive Plug-In / PCB Power Relay
PC792H PICKER-PC792H_16 Datasheet
644Kb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC792B PICKER-PC792B Datasheet
679Kb / 2P
40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PC792C PICKER-PC792C_17 Datasheet
614Kb / 2P
50/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PC792E PICKER-PC792E Datasheet
656Kb / 3P
50/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PC792H PICKER-PC792H_17 Datasheet
1Mb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com