Electronic Components Datasheet Search
  English  ▼

X  

PC795 Datasheet(PDF) 1 Page - Picker Components

Part # PC795
Description  80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC795 Datasheet(HTML) 1 Page - Picker Components

  PC795_16 Datasheet HTML 1Page - Picker Components PC795_16 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC795 Rev G 1/8/2016
1 of 2
CONTACT RATINGS 24 VDC at 25oC
FEATURES
 Most Popular Automotive Relay
 1A, 1C and 1U Contact Forms Available
 Contact Switching Capacity up to 240 Amps
 80 Amps @ 14VDC Continuous Carrying Current
 1250C Operating Temperature
 Plain Case, Bracket or PCB Options
 Sockets Available
 Lead Free and RoHS Compliant
CONTACT RATINGS 14 VDC at 25oC
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795
Contact Form
1 Form A or 1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 120 A
Make 90 A
Break 40 A
Break 30 A
Max Switching Power
1,120 W
Max Switching Voltage
75 VDC
Max Continuous Current
30 A
25 A
Max Continuous Current 24W*
45 A
35 A
Minimum Load
0.5A @ 12VDC
Form 1U
2 x 15 A @ 24VDC
Resistor Values:
6V -180 ohm
12V - 680 ohm
24V - 2,700 ohm
Diode: 1N4005
Contact Form
1 Form A or 1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 240 A
Make 180 A
Break 80 A
Break 60 A
Max Switching Power
1,120 W
Max Switching Voltage
75 VDC
Max Continuous Current
80 A
60 A
Minimum Load
0.5A @ 12VDC
Form 1U
2 x 25 A @ 14VDC
CHARACTERISTICS
Operate Time
7 msec Typical
Release Time
2 msec Typical
Insulation Resistance
100 MΩ min @ 500VDC
Dielectric Strength
50 Hz 500VRMS 1 min. Between Contact and Coil
50 Hz 500VRMS 1 min. Between Contacts
Shock Resistance
147 m/s² 11 msec
Vibration Resistance
10-40 Hz Double Amplitude 1.5mm
Terminal Strength
8 N, 4N (PC Type)
Solderability
235
⁰C ± 2⁰C 3 sec ± 0.5 sec
Power Consumption
1.8 W, 2.3 W, 2.6 W
Relative Humidity
85% at 40°C
CHARACTERISTICS CONTINUED
Operating Temperature
-40
⁰C to +125⁰C
Storage Temperature
-40
⁰C to +155⁰C
Weight
47 grams
CONTACT DATA
Material
AgSnO2
Initial Contact Resistance
≤ 20mΩ initial
Electrical
1 x 105 Operations
Service Life
Mechanical
1 x 107 Operations
ORDERING INFORMATION
Example: PC795
-1C
C
-12
S
-X
Model: PC795
Contact Form:
1A, 1C or 1U (1 Form A with 2 #87 Terminals)
Case Style: C: Plug-In; C1: Plastic Bracket; C2: Metal Bracket
P: PCB; P1: PCB w/Plastic Bracket; P2: PCB w/Metal Bracket
Coil Voltage: 6, 12, 24, 24W (Form 1A Only, >.8mm Contact Gap)
Enclosure: C: Dust Cover, S: Sealed
Coil Power: Nil: 1.8W, 2.3: 2.3W, 2.6:2.6W (1.8W is standard)
Parallel Component: Nil: None; D: Diode; R: Resistor; N: Nickel Plated Contacts
RoHS Compliant: -X
Box Quantity: 400; Inner Box: 100
*Maximum Continuous Current utilizing the High Performance >0.8 mm
Contact Gap and 2.6 W Coil for greater contact pressure


Similar Part No. - PC795_16

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC795 PICKER-PC795_14 Datasheet
400Kb / 2P
80/60 Amp Automotive Plug-In / PCB Power Relay
PC795 PICKER-PC795_17 Datasheet
649Kb / 2P
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
More results

Similar Description - PC795_16

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC795 PICKER-PC795 Datasheet
251Kb / 3P
80/60 Amp Automotive Plug-In / PCB Power Relay
PC795 PICKER-PC795_14 Datasheet
400Kb / 2P
80/60 Amp Automotive Plug-In / PCB Power Relay
PC792H PICKER-PC792H_16 Datasheet
644Kb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC796 PICKER-PC796 Datasheet
647Kb / 2P
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC7150 PICKER-PC7150_15 Datasheet
661Kb / 2P
150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC783 PICKER-PC783 Datasheet
711Kb / 2P
35 Amp Micro ISO Automotive Plug In / PCB Relay
PC792H PICKER-PC792H_17 Datasheet
1Mb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_17 Datasheet
649Kb / 2P
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC796 PICKER-PC796_17 Datasheet
631Kb / 2P
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC7150 PICKER-PC7150_17 Datasheet
322Kb / 2P
150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com