Electronic Components Datasheet Search
  English  ▼

X  

TPS65632 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65632
Description  TPS65632 Triple-Output AMOLED Display Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65632 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65632 Datasheet HTML 9Page - Texas Instruments TPS65632 Datasheet HTML 10Page - Texas Instruments TPS65632 Datasheet HTML 11Page - Texas Instruments TPS65632 Datasheet HTML 12Page - Texas Instruments TPS65632 Datasheet HTML 13Page - Texas Instruments TPS65632 Datasheet HTML 14Page - Texas Instruments TPS65632 Datasheet HTML 15Page - Texas Instruments TPS65632 Datasheet HTML 16Page - Texas Instruments TPS65632 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
C5
100 nF
C1
3 × 10 µF
PVIN
AVIN
L2
10 µH
SWP2
C6
10 µF
OUTP2
PGND1
PGND2
EN
AVDD
5.8 V, 7.7 V / 30 mA
VI
2.9 V to 4.5 V
L1
4.7 µF
SWP1
FBS
OUTP1
C2
10 µF
OUTN
C3
2×10 µF
L3
4.7 µH
C4
100 nF
AGND
CT
SWN
CTRL
Enable AVDD
Enable / Program VNEG
VPOS
4.6 V / 300 mA
VNEG
±4.0 V / 300 mA
SELP2
AVDD Select
TPS65632
TPS65632
www.ti.com
SLVSCY2 – MARCH 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TPS65632 device is intended to supply the main analog supplies required by AMOLED displays. VPOS is
fixed at 4.6 V, but VNEG can be programmed using the CTRL pin to voltages in the range –1.4 V to –5.4 V. The
SELP2 pin can be used to set AVDD to either 5.8 V or 7.7 V. The device is highly integrated and requires few
external components.
9.2 Typical Application
Figure 8 shows a typical application circuit suitable for supplying AMOLED displays in smartphone applications.
The circuit is designed to operate from a single-cell Li-Ion battery and generates a positive output voltage VPOS of
4.6 V, a negative output voltage VNEG of –4.0 V, and a positive output voltage AVDD of 5.8 V or 7.7 V. The VPOS
and VNEG outputs are each capable of supplying up to 300 mA of current, and the AVDD output of up to 30 mA.
Figure 8. Typical Application Circuit
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com