Electronic Components Datasheet Search
  English  ▼

X  

TUSB322I Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB322I
Description  TUSB322I USB Type-C??Configuration Channel Logic and Port Control with VCONN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB322I Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB322I Datasheet HTML 2Page - Texas Instruments TUSB322I Datasheet HTML 3Page - Texas Instruments TUSB322I Datasheet HTML 4Page - Texas Instruments TUSB322I Datasheet HTML 5Page - Texas Instruments TUSB322I Datasheet HTML 6Page - Texas Instruments TUSB322I Datasheet HTML 7Page - Texas Instruments TUSB322I Datasheet HTML 8Page - Texas Instruments TUSB322I Datasheet HTML 9Page - Texas Instruments TUSB322I Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
TUSB322I
SLLSEO5 – OCTOBER 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
I2C - SDA/OUT1, SCL/OUT2 can operate from 1.8 or 3.3 V (±10%) when ADDR pin is low or high. (2)
VDD_I2C
1.65
1.8
3.6
V
Supply range for I2C (SDA/OUT1, SCL/OUT2)
VIH
High-level signal voltage
1.05
V
VIL
Low-level signal voltage
0.4
V
VOL
Low-level signal output voltage (open drain)
IOL = –1.6 mA
0.4
V
VBUS_DET IO Pins (Connected to System VBUS signal)
VBUS_THR
VBUS threshold range
2.95
3.3
3.8
V
RVBUS
External resistor between VBUS and VBUS_DET pin
891
900
909
K
Ω
RVBUS_PD
Internal pulldown resistance for VBUS_DET
95
K
Ω
DIR pin (Open Drain IO)
VOL
Low-level signal output voltage
IOL = –1.6 mA
0.4
V
VCONN
RON
On resistance of the VCONN power FET
1.25
Ω
VTOL
Voltage tolerance on VCONN power FET
5.5
V
VPASS
Voltage to pass through VCONN power FET
5.5
V
VCONN current limit; VCONN is disconnected above this
IVCONN
225
300
375
mA
value
CBULK
Bulk capacitance on VCONN; placed on VDD supply
10
200
uF
(2)
When using 3.3 V for I2C, customer must ensure VDD is above 3.0 V at all times.
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
I2C (SDA, SCL)
tSU:DAT
Data setup time
100
ns
tHD;DAT
Data hold time
10
ns
tSU:STA
Set-up time, SCL to start condition
0.6
µs
tHD:STA
Hold time, (repeated) start condition to SCL
0.6
µs
tSU:STO
Set up time for stop condition
0.6
µs
tVD;DAT
Data valid time
0.9
µs
tVD;ACK
Data valid acknowledge time
0.9
µs
tBUF
Bus free time between a stop and start condition
1.3
µs
fSCL
SCL clock frequency; I2C mode for local I2C control
400
kHz
tr
Rise time of both SDA and SCL signals
300
ns
tf
Fall time of both SDA and SCL signals
300
ns
CBUS_100KHZ Total capacitive load for each bus line when operating at ≤ 100 KHz
400
pF
CBUS_400KHZ Total capacitive load for each bus line when operating at 400 KHz.
100
pF
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB322I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com