Electronic Components Datasheet Search
  English  ▼

X  

SC795-5PIN Datasheet(PDF) 1 Page - Picker Components

Part # SC795-5PIN
Description  4 / 5 Pin Maxi ISO Automotive Relay Socket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

SC795-5PIN Datasheet(HTML) 1 Page - Picker Components

  SC795-5PIN Datasheet HTML 1Page - Picker Components SC795-5PIN Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
SC795 Rev B 1/21/2016
1 of 2
4 / 5 Pin Maxi ISO Automotive Relay Socket
SC795
*For use with, PC795, PC796,
PC7150 both
1 Form A (1A) and
1 Form C (1C) Contact Forms.
FEATURES
 Maxi ISO Automotive Relay Socket
 1/4” Coil Pins and 3/8” Power Pins
 Heat Stabilized Thermoplastic
 -40 to 140ºC Operating Temperature
 For Use with Wire Harnessing
 Three Versions
-PCB (4 Pin PCB)
-4PIN (4 Pin Crimp)
-5PIN (5 Pin Crimp)
 RoHS Compliant
ORDERING INFORMATION
Part Number
Description
Terminal Form
SC795-PCB
4 Pin Socket
PCB
1A
SC795-4PIN
4 Pin Connector For Wire
Harnessing
Crimp
1A
SC795-5PIN
5 Pin Connector For Wire
Harnessing
Crimp 1A,1C
TERMINAL COMPATIBILITY
Order From
Part Number
AWG
Blade
TE Connectivity
42100
14-18
1/4"
TE Connectivity
42281
14-18
1/4"
TE Connectivity
42904
12-16
1/4"
TE Connectivity
60249
12-16
1/4"
TE Connectivity
60253
12-14
1/4"
TE Connectivity
280756
10-12
3/8”
TE Connectivity
280755
7-10
3/8”
Picker Components references these terminals to be
used with our Automotive* Series Sockets. Current ca-
pability of the terminals depends on the gauge of wire
used, the quality of the crimp, the addition of solder or a
weld, operating conditions, temperature cycling, etc.
Terminals to be purchased separately.
SC795-PCB
SC795-4PIN
SC795-5PIN


Similar Part No. - SC795-5PIN

ManufacturerPart #DatasheetDescription
logo
Picker Components
SC795-5PIN PICKER-SC795-5PIN Datasheet
449Kb / 3P
4 / 5 Pin Maxi ISO Automotive Relay Socket
SC795-5PIN-4WIRE PICKER-SC795-5PIN-4WIRE Datasheet
449Kb / 3P
4 / 5 Pin Maxi ISO Automotive Relay Socket
SC795-5PIN-5WIRE PICKER-SC795-5PIN-5WIRE Datasheet
449Kb / 3P
4 / 5 Pin Maxi ISO Automotive Relay Socket
More results

Similar Description - SC795-5PIN

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC792H PICKER-PC792H_16 Datasheet
644Kb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC796 PICKER-PC796 Datasheet
647Kb / 2P
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
SC782 PICKER-SC782 Datasheet
516Kb / 2P
4 / 5 Pin Micro ISO Automotive Relay Socket
SC792 PICKER-SC792 Datasheet
548Kb / 2P
4 / 5 Pin Mini ISO Automotive Relay Socket
PC7150 PICKER-PC7150_17 Datasheet
322Kb / 2P
150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
SC782 PICKER-SC782_17 Datasheet
752Kb / 2P
4 / 5 Pin Micro ISO Automotive Relay Socket
SC792 PICKER-SC792_17 Datasheet
885Kb / 2P
4 / 5 Pin Mini ISO Automotive Relay Socket
SC792-C3 PICKER-SC792-C3 Datasheet
514Kb / 2P
4 / 5 Pin Mini ISO Automotive Relay Socket
SC792-PCB PICKER-SC792-PCB Datasheet
744Kb / 1P
4 / 5 Pin Mini ISO Automotive Relay PCB Socket
SC795 PICKER-SC795_17 Datasheet
449Kb / 3P
4 / 5 Pin Maxi ISO Automotive Relay Socket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com