Electronic Components Datasheet Search
  English  ▼

X  

UT06MRA050 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT06MRA050
Description  Commercial RadHardTM Gate Array Family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT06MRA050 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT06MRA050 Datasheet HTML 1Page - Aeroflex Circuit Technology UT06MRA050 Datasheet HTML 2Page - Aeroflex Circuit Technology UT06MRA050 Datasheet HTML 3Page - Aeroflex Circuit Technology UT06MRA050 Datasheet HTML 4Page - Aeroflex Circuit Technology UT06MRA050 Datasheet HTML 5Page - Aeroflex Circuit Technology UT06MRA050 Datasheet HTML 6Page - Aeroflex Circuit Technology UT06MRA050 Datasheet HTML 7Page - Aeroflex Circuit Technology UT06MRA050 Datasheet HTML 8Page - Aeroflex Circuit Technology UT06MRA050 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Semicustom Products
UT0.6
CRCommercial RadHardTM
Gate Array Family
Data Sheet
May 2014
www.aeroflex.com/RadHardASIC
FEATURES
 Multiple gate array sizes up to 500,000 usable equivalent
gates
 Toggle rates up to 150 MHz
 Advanced 0.6
0.5L
effradiation-tolerant silicon gate
CMOS processed in a commercial fab
 Operating voltage of 5V and/or 3.3V
 QML Class Q & V compliant
 Designed specifically for high reliability applications
 Commercial RadHardTM for radiation-tolerant to 300
krads(Si) to meet space requirements and SEU-immune to
less than 2.0E-10 errors/bit-day
 JTAG (IEEE 1149.1) boundary-scan supported
 Low noise package technology for high speed circuits
 Design support using Mentor Graphics® and SynopsysTM
in VHDL or Verilog design languages on Sun® and Linux
workstations
 Supports cold sparing for power down applications
 Supports voltage translation
- 5V bus to 3.3V bus
- 3.3V bus to 5V bus
PRODUCT DESCRIPTION
The high-performance UT0.6
CRH gate array family
features densities up to 500,000 equivalent gates and is avail-
able in MIL-PRF-38535 QML Q and V product assurance levels
and is radiation-tolerant.
The Commercial RadHardTM silicon is fabricated at ON Semi-
conductor using a minimally invasive processing module,
developed by Aeroflex, that enhances the total dose radiation
hardness of the field and gate oxides while maintaining circuit
density and reliability. In addition, for both greater transient
radiation-hardness and latchup immunity, the Aeroflex 0.6
process is built on epitaxial substrate wafers.
Developed using Aeroflex’s patented architectures, the
UT0.6
CRH gate array family uses a highly efficient continu-
ous column transistor architecture for the internal cell
construction. Combined with state-of-the-art placement and
routing tools, the utilization of available transistors is maxi-
mized using three levels of metal interconnect.
The UT0.6
CRH family of gate arrays is supported by an ex-
tensive cell library that includes SSI, MSI, and 54XX equivalent
functions, as well as configurable RAM and cores. Aeroflex’s
core library includes the following functions:
 Intel 80C31® equivalent
 Intel 80C196® equivalent
 MIL-STD-1553 functions (BRCTM, RTI, RTMP)
 MIL-STD-1750 microprocessor
 RISC microcontroller
 Configurable RAM (SRAM, DPSRAM)
 USART (82C51)
 EDAC
 Aeroflex Gaisler
We offer Aeroflex Gaisler LEON3 and other IP which can be
reviewed at www.gaisler.com/CMS


Similar Part No. - UT06MRA050

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UT06N65 DOINGTER-UT06N65 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Unisonic Technologies
UT06P03 UTC-UT06P03 Datasheet
296Kb / 5P
P-CHANNEL ENHANCEMENT MODE
UT06P03G-AB3-R UTC-UT06P03G-AB3-R Datasheet
296Kb / 5P
P-CHANNEL ENHANCEMENT MODE
UT06P03G-AB3-R UTC-UT06P03G-AB3-R Datasheet
301Kb / 6P
P-CHANNEL POWER MOSFET
UT06P03G-AG6-R UTC-UT06P03G-AG6-R Datasheet
301Kb / 6P
P-CHANNEL POWER MOSFET
More results

Similar Description - UT06MRA050

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC11L TOSHIBA-TC11L Datasheet
158Kb / 4P
CMOS GATE ARRAY
logo
fujitsu semiconductor
MB61VHXXX FUJITSU-MB61VHXXX Datasheet
1Mb / 22P
CMOS Gate Array
logo
Hitachi Semiconductor
HG62E HITACHI-HG62E Datasheet
1Mb / 54P
CMOS GATE ARRAY
logo
National Semiconductor ...
SCX6206 NSC-SCX6206 Datasheet
812Kb / 24P
SCX MICROCMOS GATE ARRAY FAMILY APPLICATION GUIDE
logo
Epson Company
SLA40000 EPSON-SLA40000 Datasheet
39Kb / 2P
High Density Gate Array
S1L50000 EPSON-S1L50000 Datasheet
95Kb / 12P
HIGH DENSITY GATE ARRAY
S1L30000 EPSON-S1L30000 Datasheet
2Mb / 131P
GATE ARRAY
S1L35000 EPSON-S1L35000 Datasheet
1Mb / 106P
GATE ARRAY
S1L60000 EPSON-S1L60000 Datasheet
3Mb / 230P
GATE ARRAY
logo
Xilinx, Inc
XC3000A XILINX-XC3000A Datasheet
52Kb / 8P
Logic Cell Array Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com