Electronic Components Datasheet Search
  English  ▼

X  

LT1940 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1940
Description  Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1940 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1940 Datasheet HTML 3Page - Linear Technology LT1940 Datasheet HTML 4Page - Linear Technology LT1940 Datasheet HTML 5Page - Linear Technology LT1940 Datasheet HTML 6Page - Linear Technology LT1940 Datasheet HTML 7Page - Linear Technology LT1940 Datasheet HTML 8Page - Linear Technology LT1940 Datasheet HTML 9Page - Linear Technology LT1940 Datasheet HTML 10Page - Linear Technology LT1940 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT1940
7
1940i
BLOCK DIAGRA
is also clamped to the RUN/SS pin voltage. As the internal
current source charges the external soft-start capacitor,
the current limit increases slowly.
Each switcher contains an independent oscillator. This
slave oscillator is normally synchronized to the master
oscillator. However, during start-up, short-circuit or over-
load conditions, the FB pin voltage will be near zero and an
internal comparator gates the master oscillator clock
signal. This allows the slave oscillator to run the regulator
at a lower frequency. This frequency foldback behavior
helps to limit switch current and power dissipation under
fault conditions.
The switch driver operates from either the input or from
the BOOST pin. An external capacitor and diode are used
to generate a voltage at the BOOST pin that is higher than
the input supply. This allows the driver to fully saturate the
internal bipolar NPN power switch for efficient operation.
A power good comparator trips when the FB pin is at 90%
of its regulated value. The PG output is an open collector
transistor that is off when the output is in regulation,
allowing an external resistor to pull the PG pin high. Power
good is valid when the LT1940 is enabled (either RUN/SS
pin is high) and VIN is greater than ~2.4V.
The master oscillator generates two clock signals of
opposite phase.
The two switchers are current mode step-down regula-
tors. This means that instead of directly modulating the
duty cycle of the power switch, the feedback loop controls
the peak current in the switch during each cycle. This
current mode control improves loop dynamics and pro-
vides cycle-by-cycle current limit.
The Block Diagram shows only one of the two switching
regulators. A pulse from the slave oscillator sets the RS
flip-flop and turns on the internal NPN bipolar power
switch. Current in the switch and the external inductor
begins to increase. When this current exceeds a level
determined by the voltage at VC, current comparator C1
resets the flip-flop, turning off the switch. The current in
the inductor flows through the external Schottky diode,
and begins to decrease. The cycle begins again at the next
pulse from the oscillator. In this way the voltage on the VC
pin controls the current through the inductor to the output.
The internal error amplifier regulates the output voltage by
continually adjusting the VC pin voltage.
The threshold for switching on the VC pin is 0.8V, and an
active clamp of 1.8V limits the output current. The VC pin
APPLICATIO S I FOR ATIO
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the 1%
resistors according to:
R1 = R2(VOUT/1.25 – 1)
R2 should be 10.0k
Ω or less to avoid bias current errors.
Reference designators refer to the Block Diagram in
Figure 2.
Input Voltage Range
The minimum input voltage is determined by either the
LT1940’s minimum operating voltage of ~3.5V, or by its
maximum duty cycle. The duty cycle is the fraction of time
that the internal switch is on and is determined by the input
and output voltages:
DC = (VOUT + VD)/(VIN – VSW + VD)
where VD is the forward voltage drop of the catch diode
(~0.4V) and VSW is the voltage drop of the internal switch
(~0.3V at maximum load). This leads to a minimum input
voltage of:
VINMIN = (VOUT + VD)/DCMAX - VD + VSW
with DCMAX = 0.78.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com