Electronic Components Datasheet Search
  English  ▼

X  

LTC3455 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3455
Description  Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3455 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3455 Datasheet HTML 2Page - Linear Technology LTC3455 Datasheet HTML 3Page - Linear Technology LTC3455 Datasheet HTML 4Page - Linear Technology LTC3455 Datasheet HTML 5Page - Linear Technology LTC3455 Datasheet HTML 6Page - Linear Technology LTC3455 Datasheet HTML 7Page - Linear Technology LTC3455 Datasheet HTML 8Page - Linear Technology LTC3455 Datasheet HTML 9Page - Linear Technology LTC3455 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC3455
6
3455f
TYPICAL PERFOR A CE CHARACTERISTICS
Battery Charger Regulation
Voltage
Battery Charger Recharge
Threshold
Battery Charger Trickle-Charge
Threshold
Charge Current When
Wall-Powered
Charge Current When
USB-Powered
PROG Pin Voltage
vs Charge Current
RDS(ON) for Switching Regulator
Power Switches
RDS(ON) for VMAX, USB, and HSO
PMOS Switches
TEMPERATURE (
°C)
–50
15.0
10.0
5.0
12.5
7.5
2.5
0
25
75
3455 G18
–25
0
50
100
125
VBAT = 4.2V
CHARGER OFF
TEMPERATURE (
°C)
–50
1.4
1.2
1.0
0.8
0.6
0.2
0.4
0
25
75
3455 G21
–25
0
50
100
125
HSO
USB
VMAX
VHSI = 3.3V
VUSB = 5V
VBAT = 3.6V
TEMPERATURE (
°C)
–50
0.7
0.6
0.5
0.4
0.3
0.1
0.2
0
25
75
3455 G20
–25
0
50
100
125
NMOS
PMOS
VBAT = 3.6V
TEMPERATURE (
°C)
–50
4.30
4.25
4.20
4.15
4.10
4.05
4.00
25
75
3455 G13
–25
0
50
100
125
TEMPERATURE (
°C)
–50
4.30
4.25
4.20
4.15
4.10
4.05
4.00
25
75
3455 G14
–25
0
50
100
125
TEMPERATURE (
°C)
–50
3.0
2.9
2.8
2.7
2.6
2.5
25
75
3455 G15
–25
0
50
100
125
FALLING
RISING
TEMPERATURE (
°C)
–50
600
500
400
300
200
100
0
25
75
3455 G16
–25
0
50
100
125
VBAT = 3.6V
VMAX = 4.5V
RPROG = 2.49k
THERMAL CONTROL
LOOP IN OPERATION
TEMPERATURE (
°C)
–50
600
500
400
300
200
100
0
25
75
3455 G17
–25
0
50
100
125
VBAT = 3.6V
VUSB = 5V
RPROG = 2.49k
VUSBHP = 2V
VUSBHP = 0V
THERMAL CONTROL
LOOP IN OPERATION
CHARGE CURRENT (mA)
0
1.50
1.25
1.00
0.75
0.50
0.25
0
300
3455 G19
100
200
400
500
VBAT = 3.6V
VMAX = 4.5V
RPROG = 2.49
TA = 25°C
Battery Current When
USB- or Wall-Powered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com