Electronic Components Datasheet Search
  English  ▼

X  

LTC3455EUF Datasheet(PDF) 15 Page - Linear Technology

Part # LTC3455EUF
Description  Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3455EUF Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC3455EUF Datasheet HTML 11Page - Linear Technology LTC3455EUF Datasheet HTML 12Page - Linear Technology LTC3455EUF Datasheet HTML 13Page - Linear Technology LTC3455EUF Datasheet HTML 14Page - Linear Technology LTC3455EUF Datasheet HTML 15Page - Linear Technology LTC3455EUF Datasheet HTML 16Page - Linear Technology LTC3455EUF Datasheet HTML 17Page - Linear Technology LTC3455EUF Datasheet HTML 18Page - Linear Technology LTC3455EUF Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC3455
15
3455f
APPLICATIO S I FOR ATIO
Low or Bad Battery Protection (200ms Timeout)
The 200ms reset timer is also used to prevent starting the
LTC3455 when there is insufficient external power or
insufficient battery voltage to regulate the outputs. When
first turned on, the internal 200ms timer starts. If only
Switcher 1 is enabled (ON2 is low) and its output does not
reach 90% of its final value within 200ms, Switcher 1 is
shut down even if the ON pin is held low or if the PWRON
pin is held high (the VMAX pin will remain on as long as ON
is low or PWRON is high). This automatic shutdown
feature prevents possible damage to a defective or
overdischarged Li-Ion battery. If ON2 is tied to VMAX so
that Switcher 2 is also turned on at startup, then both
outputs must reach 90% of their final values within 200ms.
Once the output(s) are in regulation, the timer is reset for
a full 200ms.
Schottky Diode Selection/WALLFB Resistor Selection
When a 5V wall adapter is used, power is provided to the
VMAX pin through a Schottky diode. The most important
specification in picking this diode is its reverse leakage
current. When the LTC3455 is turned on but wall power is
not present, the Schottky will leak current to ground
through the WALLFB resistor divider (see Figure 5). This
leakage current should be minimized (by picking an appro-
priate low-leakage Schottky diode) as it can dramatically
reduce Burst Mode efficiency at light loads. In addition, a
high leakage current can also false trip the WALLFB pin
and turn on the LTC3455 even if wall power is not
available. To help prevent this false turn-on, use the
WALLFB resistor values shown in Figure 5.
The diode forward voltage drop should be around 500mV
or less at its maximum rated current to allow charging
even when the wall adapter voltage is lower than normal.
Some manufacturers have recently introduced Schottky
diodes optimized for a very low forward drop, but their
reverse leakage currents can be more than 100
µA at room
temperature, and over 1mA at high temperatures. These
diodes are not recommended for use with the LTC3455,
but if they are used operation at high temperature should
be checked thoroughly to avoid problems due to excessive
diode leakage current.
Three good diode choices are the MBRM110E (1A, 10V),
MBR120ESF (1A, 20V), and the MBRA210E (2A, 10V). All
are available in very small packages from ON Semiconduc-
tor (www.onsemi.com), have reverse leakage currents
under 1
µA at room temperature, and have forward drops
of around 500mV at their maximum rated current
(1A or 2A).
Figure 5. Schottky Leakage Current Path
VMAX
ILEAKAGE
WALLFB
LTC3455
WALL 5V
VMAX
3.32K
1.24K
10
11
3455 F05
Switching Regulator General Information
The LTC3455 contains two 1.5MHz constant-frequency
current mode switching regulators that operate with effi-
ciencies up to 96%. Switcher 1 provides up to 400mA at
1.5V/1.8V (to power a microcontroller core), and Switcher
2 provides up to 600mA at 3V/3.3V (to power microcon-
troller I/O, memory and other logic circuitry). Both con-
verters support 100% duty cycle operation (low dropout
mode) when the input voltage drops very close to the
output voltage, and both are capable of operating in Burst
Mode operation for highest efficiencies at light loads
(Burst Mode operation is pin selectable). Switcher 2 has
independent ON/OFF control, but operates only when
Switcher 1 is also enabled and in regulation. If both are
enabled at power-up, Switcher 2 is allowed to turn on only
after Switcher 1 has reached 90% of its final value. This
power-up delay ensures proper supply sequencing and
reduces the peak battery current at startup. If the output of
Switcher 1 drops to below 85% of its programmed output
voltage, Switcher 2 will turn off. This ensures that any
problems with the core supply will shut down the rest of
the sytem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com