Electronic Components Datasheet Search
  English  ▼

X  

S7848 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # S7848
Description  POSITION SENSITIVE DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S7848 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  S7848 Datasheet HTML 1Page - List of Unclassifed Manufacturers S7848 Datasheet HTML 2Page - List of Unclassifed Manufacturers S7848 Datasheet HTML 3Page - List of Unclassifed Manufacturers S7848 Datasheet HTML 4Page - List of Unclassifed Manufacturers S7848 Datasheet HTML 5Page - List of Unclassifed Manufacturers S7848 Datasheet HTML 6Page - List of Unclassifed Manufacturers S7848 Datasheet HTML 7Page - List of Unclassifed Manufacturers S7848 Datasheet HTML 8Page - List of Unclassifed Manufacturers S7848 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2
S5681 is a 128-element PSD linear array. By scanning a slit-form light beam right and left based
on the slit light projection method, S5681 allows measuring a 3-D shape of the object.
Two-dimensional PSDs are classified by structure into a tetra-lateral type and a
duo-lateral type. The tetra-lateral type features high-speed response and low
dark current. The duo-lateral type offers small position detection error and high
position resolution. A pin-cushion type, which is a tetra-lateral type with
improved active area and electrodes, has a position detection error as small as
the duo-lateral type while still having the advantages of the tetra-lateral type.
Selection guide
(Typ.)
Interelectrode resistance
Vb=0.1 V
(k
Ω)
Resistance length
(mm)
Type No.
Package
Spectral response
range
(nm)
S5681
Ceramic
Active area
(mm)
0.025 × 6.375/
128 elements
100
6.375
(Typ.)
Interelectrode
resistance
Vb=0.1 V
(k
Ω)
S7848
S7848-01
Plastic
2 × 2
2 × 2
10 × 10
4.5 × 4.5
5.7 × 5.7
26 × 26
14 × 14
13 × 13
S1200
100
7
7
Tetra-lateral type
Tetra-lateral type
S1300
Ceramic
13 × 13
Duo-lateral type
S2044
Metal
4.7 × 4.7
S1880
12 × 12
10
10
10
10
S1881
Ceramic
22 × 22
Pin-cushion type
(improved tetra-lateral type)
Pin-cushion type
(improved tetra-lateral type)
Pin-cushion type
(improved tetra-lateral type)
S5990-01
4 × 4
S5991-01
Ceramic
chip carrier
9 × 9
Type No.
Package
Structure
Active area
(mm)
Resistance
length
(mm)
Spectral response
range
(nm)
1
2
3
5
6
7
8
9
4
1
2
3
5
6
7
8
9
4
128-element PSD array ···························································
Two-dimensional PSD
······························
n Examples of position detectability (Ta=25 ˚C, λ=890 nm, spot light size: φ200 µm)
lS1200
KPSDC0017EA
lS1300
KPSDC0015EA
lS1880
KPSDC0020EA
lS5991-01
KPSDC0065EA
lS7848
KPSDC0084EA
LINE INTERVAL: 1 mm
LINE INTERVAL: 1 mm
LINE INTERVAL: 1 mm
LINE INTERVAL: 1 mm
LINE INTERVAL: 0.2 mm
Works with microscopic spot light detection
320 to 1060
320 to 1100
320 to 1060
320 to 1060
320 to 1100
760 to 1100
320 to 1100
320 to 1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com