Electronic Components Datasheet Search
  English  ▼

X  

SLA5064 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLA5064
Description  N-channelP-channel 3-phase motor drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SLA5064 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLA5064 Datasheet HTML 1Page - List of Unclassifed Manufacturers SLA5064 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
88
N-ch
P-ch
N-ch
N-ch
P-ch
P-ch
N-ch
P-ch
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
Characteristic curves
SLA5064
External dimensions
A • • • SLA (12-pin)
N-channel+P-channel
3-phase motor drive
(Ta=25
°C)
Symbol
Unit
VDSS
60
–60
V
VGSS
±20
±20
V
ID
10
–10
A
ID(pulse)
15 (PW
≤1ms, duty≤25%)
–15 (PW
≤1ms, duty≤25%)
A
5 (Ta=25
°C, with all circuits operating, without heatsink)
W
40 (Tc=25
°C, with all circuits operating, with infinite heatsink)
W
θ j-a
25 (Junction-Air, Ta=25
°C, with all circuits operating)
°C/W
θ j-c
3.125 (Junction-Case, Tc=25
°C, with all circuits operating)
°C/W
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tch
150
°C
Tstg
–40 to +150
°C
PT
Ratings
N channel
P channel
Absolute maximum ratings
sEquivalent circuit diagram
5
3
2
4
7
8
6
10
12
11
9
1
02
10
VDS (V)
46
8
15
12
14
4
6
0
8
10
2
VGS=2.7V
3.0V
3.3V
3.5V
4.0V
(Ta=25
°C)
01
2
3
4
VGS (V)
5
0
2
4
6
8
10
12
14
15
(VDS=10V)
25
°C
–40
°C
TC=125
°C
01
7
10 11 12 13 14 15
ID (A)
23
4
5
6
8
9
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Ta=25
°C
VGS=4V
---40
0
50
100
150
TC (
°C)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
ID=–5A
VGS=–10V
---40
0
50
100
150
TC (
°C)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
ID=5A
VGS=4V
0
–2
–10
VDS (V)
–4
–6
–8
0
–2
–4
–6
–8
–10
–12
–14
–15
VGS=–2.7V
–3.0V
–3.3V
–3.5V
–4.0V
(Ta=25
°C)
0
–1
–2
–3
–4
VGS (V)
–5
0
–2
–4
–6
–8
–10
–12
–14
–15
(VDS=10V)
25
°C
–40
°C
TC=125
°C
0
–1
–7
–10–11 –12–13–14–15
ID (A)
–2 –3 –4 –5 –6
–8 –9
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Ta=25
°C
VGS=–10V


Similar Part No. - SLA5064

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5064 SANKEN-SLA5064 Datasheet
52Kb / 2P
N-channelP-channel 3-phase motor drive
SLA5064 SANKEN-SLA5064 Datasheet
52Kb / 2P
N-channelP-channel 3-phase motor drive
More results

Similar Description - SLA5064

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA5009 SANKEN-SLA5009 Datasheet
31Kb / 2P
N-channel P-channel 3-phase motor drive
SLA5017 SANKEN-SLA5017 Datasheet
31Kb / 2P
N-channel P-channel 3-phase motor drive
SMA5127 SANKEN-SMA5127 Datasheet
30Kb / 2P
N-channel P-channel 3-phase motor drive
logo
List of Unclassifed Man...
SLA5061 ETC1-SLA5061 Datasheet
48Kb / 2P
N-channelP-channel 3-phase motor drive
logo
Sanken electric
SLA5059 SANKEN-SLA5059_06 Datasheet
48Kb / 2P
N-channel P-channel 3-phase motor drive
SLA5064 SANKEN-SLA5064 Datasheet
52Kb / 2P
N-channelP-channel 3-phase motor drive
SMA5127 SANKEN-SMA5127_01 Datasheet
45Kb / 2P
N-channel P-channel 3-phase motor drive
SLA5059 SANKEN-SLA5059 Datasheet
48Kb / 2P
N-channel P-channel 3-phase motor drive
SLA5060 SANKEN-SLA5060 Datasheet
48Kb / 2P
N-channel P-channel 3-phase motor drive
SLA5064 SANKEN-SLA5064 Datasheet
52Kb / 2P
N-channelP-channel 3-phase motor drive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com