Electronic Components Datasheet Search
  English  ▼

X  

SP6641A Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6641A
Description  500mA Alkaline DC/DC Boost Regulator in SOT-23
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6641A Datasheet(HTML) 1 Page - Sipex Corporation

  SP6641A Datasheet HTML 1Page - Sipex Corporation SP6641A Datasheet HTML 2Page - Sipex Corporation SP6641A Datasheet HTML 3Page - Sipex Corporation SP6641A Datasheet HTML 4Page - Sipex Corporation SP6641A Datasheet HTML 5Page - Sipex Corporation SP6641A Datasheet HTML 6Page - Sipex Corporation SP6641A Datasheet HTML 7Page - Sipex Corporation SP6641A Datasheet HTML 8Page - Sipex Corporation SP6641A Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Rev. 3/5/02,
*Patent Pending
SP6641A/6641B 500mA Alkaline DC/DC Boost Regulator in SOT-23
© Copyright 2002 Sipex Corporation
DESCRIPTION
The SP6641 is an ultra-low quiescent current, high efficiency, DC-DC boost converter designed
for single and dual cell alkaline, or Li-ion battery applications found in PDA’s, MP3 players, and
other handheld portable devices. The SP6641 features a 10
µA quiescent current, a 0.3Ω N-
channel charging switch, 0.9V input startup, and a 0.33A or 1.0A inductor current limiting feature.
The SP6641 is offered in a 5 pin SOT-23 package and provides an extremely small power supply
footprint optimized for portable applications. The SP6641 is preset to 3.3V and can be controlled
by a 1nA active LOW shutdown pin.
500mA Alkaline DC/DC Boost Regulator in SOT-23
®
s Ultra Low Quiescent Current: 10
µA
s Wide Input Voltage Range: 0.9V to 4.5V
s 90mA IOUT at 1.3V Input (SP6641A-3.3V)
s 500mA IOUT at 2.6V Input (SP6641B-3.3V)
s 100mA IOUT at 2.0V Input (SP6641A-5.0V)
s 500mA IOUT at 3.3V Input (SP6641B-5.0V)
s Fixed 3.3V or 5.0V Output Voltage
s Up to 87% Efficiency
s 0.3
Ω NFET RDSon
s Startup Voltage Guaranteed at 0.9V
s 0.33A Inductor Current Limit (SP6641A)
s 1A Inductor Current Limit (SP6641B)
s Logic Shutdown Control
s SOT-23-5 Package
VOUT
GND
SHDN
VBATT
LX
SP6641
5 Pin SOT-23
1
2
3
5
4
APPLICATIONS
s PDA's
s DSC's
s CD/MP3 Players
s Pagers
s Digital Cameras
s Portable Handheld Medical Devices
SP6641A/6641B
Figure 1. Typical Application Schematic
Figure 2. Maximum Load Current in Operation
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN (V)
SP6641B, 1.0A, 3.3V
SP6641B, 1.0A, 5V
SP6641A, 0.33A, 3.3V
SP6641A, 0.33A, 5V
GND
LX
VBATT
SHDN
L1
0.9V to 4.5V
U1
SP6641A
VOUT
SHDN
VBATT
®
®
C2
VOUT
+3.3V or 5V
D1
1
2
3
C1
5
4
C3
R1
SP6641A 3.3V & 5V: C1 = C2 = 22
µF Ceramic, L1 = 22µH CDRH5D28,
D1 = MBR0520, C3 = Open, R1 = Shorted.
SP6641B 3.3V & 5V: C1 = C2 = 100
µF POSCAP, L1 = 10µH CDRH5D28,
D1 = ZHCS2000, C3 = 1
µF Ceramic, R1 = 10Ω.


Similar Part No. - SP6641A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
118Kb / 5P
Low Noise Evaluation Board
SP6641A SIPEX-SP6641A Datasheet
133Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
137Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
137Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
More results

Similar Description - SP6641A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Texas Instruments
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
logo
Global Mixed-mode Techn...
G5104 GMT-G5104 Datasheet
336Kb / 7P
300mA Alkaline Boost DC/DC Converters in SOT-23-5
logo
Sipex Corporation
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK SIPEX-SP6641AEK Datasheet
137Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Texas Instruments
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
Low-Power DC-DC Boost Converter in SOT-23 Package
logo
Exar Corporation
SP6641A EXAR-SP6641A Datasheet
137Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
500mA Alkaline DC/DC Boost Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com