Electronic Components Datasheet Search
  English  ▼

X  

AP2N025N Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP2N025N
Description  Surface Mount Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2N025N Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP2N025N Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2N025N Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2N025N Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2N025N Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2N025N Datasheet HTML 5Page - Advanced Power Electronics Corp. AP2N025N Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AP2N025N
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0
4
8
12
16
20
0
0.2
0.4
0.6
0.8
1
V DS , Drain-to-Source Voltage (V)
T A =25
o C
5.0V
4.5V
4.0V
3.5V
3.0V
V G =2.5V
0
4
8
12
16
0
0.2
0.4
0.6
0.8
1
V DS , Drain-to-Source Voltage (V)
T A =150
o C
5.0V
4.5V
4.0V
3.5V
3.0V
V G =2.5V
0
2
4
6
8
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-100
-50
0
50
100
150
T j , Junction Temperature (
o C )
I D = 250uA
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =5A
V G =4.5V
0
20
40
60
80
12345
V GS , Gate-to-Source Voltage (V)
I D = 2.5A
T A = 25
o C
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com