Electronic Components Datasheet Search
  English  ▼

X  

LM3420 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3420
Description  Lithium-Ion Battery Charge Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3420 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM3420 Datasheet HTML 9Page - National Semiconductor (TI) LM3420 Datasheet HTML 10Page - National Semiconductor (TI) LM3420 Datasheet HTML 11Page - National Semiconductor (TI) LM3420 Datasheet HTML 12Page - National Semiconductor (TI) LM3420 Datasheet HTML 13Page - National Semiconductor (TI) LM3420 Datasheet HTML 14Page - National Semiconductor (TI) LM3420 Datasheet HTML 15Page - National Semiconductor (TI) LM3420 Datasheet HTML 16Page - National Semiconductor (TI) LM3420 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Application Circuits (Continued)
A rapid charge Lithium-Ion battery charging circuit is shown
in
Figure 10. This configuration uses a switching regulator to
deliver the charging current in a series of constant current
pulses.
At
the
beginning
of
the
charge
cycle
(constant-current mode), this circuit performs identically to
the previous LM2575 charger by charging the battery at a
constant current of 1A. As the battery voltage reaches 8.4V,
this charger changes from a constant continuous current of
1A to a 5 second pulsed 1A. This allows the total battery
charge time to be reduced considerably. This is different
from the other charging circuits that switch from a constant
current charge to a constant voltage charge once the battery
voltage reaches 8.4V. After charging the battery with 1A for 5
seconds, the charge stops, and the battery voltage begins to
drop. When it drops below 8.4V, the LM555 timer again
starts the timing cycle and charges the battery with 1A for an-
other 5 seconds. This cycling continues with a constant 5
second charge time, and a variable off time. In this manner,
the battery will be charged with 1A for 5 seconds, followed by
an off period (determined by the battery’s state of charge),
setting up a periodic 1A charge current. The off time is deter-
mined by how long it takes the battery voltage to decrease
back down to 8.4V. When the battery first reaches 8.4V, the
off time will be very short (1 ms or less), but when the battery
approaches full charge, the off time will begin increasing to
tens of seconds, then minutes, and eventually hours.
The constant-current loop for this charger and the method
used for programming the 1A constant current is identical to
the previous LM2575-ADJ. charger. In this circuit, a second
LM3420-8.4 has its V
REG
increased by approximately
400 mV (via R2), and is used to limit the output voltage of the
charger to 8.8V in the event of a bad battery connection, or
the battery is removed or possibly damaged.
The LM555 timer is connected as a one-shot, and is used to
provide the 5 second charging pulses. As long as the battery
voltage is less than the 8.4V, the output of IC3 will be held
low, and the LM555 one-shot will never fire (the output of the
LM555 will be held high) and the one-shot will have no effect
on the charger. Once the battery voltage exceeds the 8.4V
regulation voltage of IC3, the trigger pin of the LM555 is
pulled high, enabling the one shot to begin timing. The
charge current will now be pulsed into the battery at a 5 sec-
ond rate, with the off time determined by the battery’s state
of charge. The LM555 output will go high for 5 seconds (pull-
ing down the collector of Q1) which allows the 1A
constant-current loop to control the circuit.
Figure 11 shows a low dropout constant voltage charger us-
ing a MOSFET as the pass element, but this circuit does not
include current limiting. This circuit uses Q3 and a Schottky
diode to isolate the battery from the charging circuitry when
the input voltage is removed, to prevent the battery from dis-
charging. Q2 should be a high current (0.2
Ω) FET, while Q3
can be a low current (2
Ω) device.
Note: Although the application circuits shown here have
been built and tested, they should be thoroughly evalu-
ated with the same type of battery the charger will even-
tually be used with.
Different battery manufacturers may use a slightly dif-
ferent battery chemistry which may require different
charging characteristics. Always consult the battery
manufacturer for information on charging specifications
and battery details, and always observe the manufactur-
ers precautions when using their batteries. Avoid over-
charging or shorting Lithium-Ion batteries.
DS012359-16
FIGURE 11. MOSFET Low Dropout Charger
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com