Electronic Components Datasheet Search
  English  ▼

X  

SP3249ECA Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP3249ECA
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3249ECA Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP3249ECA Datasheet HTML 4Page - Sipex Corporation SP3249ECA Datasheet HTML 5Page - Sipex Corporation SP3249ECA Datasheet HTML 6Page - Sipex Corporation SP3249ECA Datasheet HTML 7Page - Sipex Corporation SP3249ECA Datasheet HTML 8Page - Sipex Corporation SP3249ECA Datasheet HTML 9Page - Sipex Corporation SP3249ECA Datasheet HTML 10Page - Sipex Corporation SP3249ECA Datasheet HTML 11Page - Sipex Corporation SP3249ECA Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Rev.4/08/02
SP3249E Intelligent +3.0V to +5.5V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
8
— V
DD charge storage — The third phase of the
clock is identical to the first phase — the charge
transferred in C
1 produces –VCC in the negative
terminal of C
1, which is applied to the negative
side of capacitor C
2.
Since C
2
+ is at V
CC, the
voltage potential across C
2 is 2 times VCC.
Phase 4 (Figure 15)
— V
DD transfer — The fourth phase of the clock
connects the negative terminal of C
2 to GND,
and transfers this positive generated voltage
across C
2 to C4, the VDD storage capacitor. This
voltage is regulated to +5.5V. At this voltage,
the internal oscillator is disabled. Simultaneous
with the transfer of the voltage to C
4, the
positive side of capacitor C
1 is switched to VCC
and the negative side is connected to GND,
allowing the charge pump cycle to begin again.
The charge pump cycle will continue as long as
the operational conditions for the internal
oscillator are present.
Since both V+ and V– are separately generated
from V
CC, in a no–load condition V
+ and V– will
be symmetrical. Older charge pump approaches
that generate V– from V+ will show a decrease in
the magnitude of V– compared to V+ due to the
inherent inefficiencies in the design.
The clock rate for the charge pump typically
operates at 500kHz. The external capacitors can
be as low as 0.1
µF with a 16V breakdown
voltage rating.
Figure 11. Charge Pump — Phase 2
VCC = +5V
–10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
Figure 10. Charge Pump — Phase 1
Figure 12. Charge Pump Waveforms
Ch1 2.00V Ch2 2.00V M 1.00
µs Ch1 1.96V
2
1
T
T
[]
T
2
+6V
a) C2+
b) C2-
-6V
0V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com