Electronic Components Datasheet Search
  English  ▼

X  

1041849 Datasheet(PDF) 4 Page - SICK AG

Part # 1041849
Description  SWITCHING AUTOMATION LIGHT GRIDS Sender/receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1041849 Datasheet(HTML) 4 Page - SICK AG

  1041849 Datasheet HTML 1Page - SICK AG 1041849 Datasheet HTML 2Page - SICK AG 1041849 Datasheet HTML 3Page - SICK AG 1041849 Datasheet HTML 4Page - SICK AG 1041849 Datasheet HTML 5Page - SICK AG 1041849 Datasheet HTML 6Page - SICK AG 1041849 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
HLG2-050E811 | HLG
SWITCHING AUTOMATION LIGHT GRIDS
4
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-03-09 17:40:10
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
29
(1.14)
1
2
3
①  Detection height: 50 mm
②  Status indicator/power on
③  Male connector M12, 8-pin
Adjustments
NC
4
5
6
7
1
2
3
blinks with 3 Hz
on
out
on or out
①  Supply voltage
②  No object in the light path
③  Object in the light path
④  Sync error
⑤  Weak received signal during teach-in
⑥  Device error
⑦  Teach-in process active



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com