Electronic Components Datasheet Search
  English  ▼

X  

P4M Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # P4M
Description  2.0 Ampere Passivated Process Thyristor---Sensitive Gate SCR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

P4M Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  P4M Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. P4M Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. P4M Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION:
MAIN FEATURES
Symbol
Value
Unit
IT(RMS)
2
A
IGT
≤200
μA
VTM
≤1.5
V
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Storage junction temperature range
Tstg
-40-150
℃
Operating junction temperature range
Tj
-40-110
℃
Repetitive peak off-state voltage
VDRM
600
V
Repetitive peak reverse voltage
VRRM
600
V
RMS on-state current
IT(RMS)
2
A
@
(TC=72℃)
Non repetitive surge peak on-state current
(tp=10ms)
ITSM
20
A
I
2t value for fusing (tp=10ms)
I
2t
2
A
2s
Critical rate of rise of on-state current
dI/dt
50
A
/μs
Peak gate current (tp=20
μs, Tj=110℃)
IGM
0.2
A
Peak gate power (tp=20
μs, Tj=110℃)
PGM
0.5
W
Average gate power dissipation(Tj=110℃)
PG(AV)
0.1
W
A(2)
K(1)
G(3)
RGK
ThinkiSemi 2P4M SCR with the parallel resistor
between Gate and Cathode are especially
recommended for use on straight hair, igniter,
anion generator etc..
Internal structure
TO-202 Pkg Outline
1
2
3
®
2P4M
Pb Free Plating Product
2P4M
2.0 Ampere Passivated Process Thyristor---Sensitive Gate SCR
Pb
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/3
Rev.05


Similar Description - P4M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
SENSITIVE GATE SCR
Jan 1995
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
SENSITIVE GATE SCR
Jan-1995
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
SENSITIVE GATE SCR
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
SENSITIVE GATE SCR
logo
STMicroelectronics
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203NA1BA2 STMICROELECTRONICS-X0203NA1BA2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
SENSITIVE GATE SCR
X0115MUF STMICROELECTRONICS-X0115MUF Datasheet
202Kb / 11P
1 A sensitive gate SCR thyristor
10-Oct-2019
S0402XH STMICROELECTRONICS-S0402XH Datasheet
60Kb / 5P
SENSITIVE GATE SCR
Jan-1995
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com