Electronic Components Datasheet Search
  English  ▼

X  

PE613010 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE613010
Description  UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE613010 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE613010 Datasheet HTML 1Page - Peregrine Semiconductor PE613010 Datasheet HTML 2Page - Peregrine Semiconductor PE613010 Datasheet HTML 3Page - Peregrine Semiconductor PE613010 Datasheet HTML 4Page - Peregrine Semiconductor PE613010 Datasheet HTML 5Page - Peregrine Semiconductor PE613010 Datasheet HTML 6Page - Peregrine Semiconductor PE613010 Datasheet HTML 7Page - Peregrine Semiconductor PE613010 Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8
©2013–2014 Peregrine Semiconductor Corp. All rights reserved.
DOC-11414-5 │ UltraCMOS® RFIC Solutions
Product Specification
PE613010
Parameter
Condition
Min
Typ
Max
Unit
Operational Frequency
100
3000
MHz
RON
RF+ to RF–, SWON, DC measurement
1.20
Ω
COFF
RF+ to RF–, SWOFF
0.40
pF
Insertion Loss1
100 to 960 MHz, (RF+ to RF–), SWON
0.20
0.30
dB
960 to 1710 MHz, (RF+ to RF–), SWON
0.30
0.40
dB
1710 to 2170 MHz, (RF+ to RF–), SWON
0.40
0.50
dB
2170 to 2700 MHz, (RF+ to RF–), SWON
0.60
0.70
dB
2700 to 3000 MHz, (RF+ to RF–), SWON
0.80
0.95
dB
100 to 960 MHz, (RF+ to RF–), SWOFF
10
11
dB
960 to 1710 MHz, (RF+ to RF–), SWOFF
6
7
dB
1710 to 2170 MHz, (RF+ to RF–), SWOFF
4
5
dB
2170 to 2700 MHz, (RF+ to RF–), SWOFF
3
4
dB
2700 to 3000 MHz, (RF+ to RF–), SWOFF
3
4
dB
Harmonics3,4
2fo, 3fo: 698 to 915 MHz, PIN +35 dBm (SWON), PIN +31 dBm (SWOFF)
–60
–36
dBm
2fo, 3fo: 1710 to 1910 MHz, PIN +33 dBm, (SWON)), PIN +29 dBm (SWOFF)
–50
–36
dBm
IMD3
Bands I,II,V,VIII, +20 dBm CW @ TX freq, –15 dBm CW @ 2TX–RX freq, 50Ω, SWON
–115
–105
dBm
Switching Time
50% VCTRL to 90% RF ON or 10% RF OFF
7
12
µs
Isolation2
Input IP3
100 to 3000 MHz
70
dBm
Table 1. Electrical Specifications @ 25°C, VDD = 2.75V
Notes: 1. Assumes optimal matching with 1.5 nH inductor in series with each RF port.
2. Open reflective architecture for flexible configuration of switch in tuning application.
3. Pulsed RF input with 4620 µs period, 50% duty cycle, measured per 3GPP TS 45.005.
4. Power handling in the OFF state reduced due to highly reflective load condition.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com