Electronic Components Datasheet Search
  English  ▼

X  

1056791 Datasheet(PDF) 4 Page - SICK AG

Part # 1056791
Description  2D LASER SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1056791 Datasheet(HTML) 4 Page - SICK AG

  1056791 Datasheet HTML 1Page - SICK AG 1056791 Datasheet HTML 2Page - SICK AG 1056791 Datasheet HTML 3Page - SICK AG 1056791 Datasheet HTML 4Page - SICK AG 1056791 Datasheet HTML 5Page - SICK AG 1056791 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
TIM310-1030000S01 | TiM3xx
2D LASER SCANNERS
4
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-19 03:20:07
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
60 (2.36)
4.4 (0.17)
4
5
3
7
6
76.3 (3.0)*)
Ø 4
.3
*)
(0
.16
)
68.8 (2.71)*)
51 (20)
68.8 (2.71)*)
Ø 4
.3
(0
.1
7)
*)
2
1
225°
‒45°
180°
0°
90°
á
à
51 (2.00)
0.5*)
9
8
ß
2
2
*) Measures including straight plates
60 (2.36)
(0.02)
Mounting kit 1
2 x
①  2 x straight plates with M3 x 4 mm screw (included in delivery)
②  M3 threaded mounting hole, 2.8 mm deep (blind hole thread)
③  Optical hood
④  Receiving range (light inlet)
⑤  Transmission range (light emission)
⑥  Red and green LED (status displays)
⑦  Function button for teach-in
⑧  Connecting cable exit (“power/switching inputs/outputs” connection)
⑨  Micro USB female connector, type B
⑩  Marking for the position of the light emission level
⑪  Bearing marking to support alignment (90° axis)
⑫  Aperture angle 270° (scanning angle)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com