Electronic Components Datasheet Search
  English  ▼

X  

CD4006BC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4006BC
Description  18-Stage Static Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4006BC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4006BC Datasheet HTML 1Page - National Semiconductor (TI) CD4006BC Datasheet HTML 2Page - National Semiconductor (TI) CD4006BC Datasheet HTML 3Page - National Semiconductor (TI) CD4006BC Datasheet HTML 4Page - National Semiconductor (TI) CD4006BC Datasheet HTML 5Page - National Semiconductor (TI) CD4006BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5942
February 1988
CD4006BMCD4006BC 18-Stage Static Shift Register
General Description
The CD4006BMCD4006BC 18-stage static shift register is
comprised of four separate shift register sections two sec-
tions of four stages and two sections of five stages Each
section has an independent data input Outputs are avail-
able at the fourth stage and the fifth stage of each section
A common clock signal is used for all stages Data is shifted
to the next stage on the negative-going transition of the
clock Through appropriate connections of inputs and out-
puts multiple register sections of 4 5 8 and 9 stages or
single register sections of 10 12 13 14 16 17 and 18
stages can be implemented using one package
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL
fan out of 2 driving 74L
compatibility
or 1 driving 74LS
Y
Low clock input capacitance
6 pF (typ)
Y
Medium speed
10 MHz (typ) (with VDD e 10V)
Y
Low power
Y
Fully static operation
Logic Diagrams
TLF5942 – 1
TLF5942 – 3
Connection Diagram
Dual-In-Line Package
TLF5942 – 2
Top View
Order Number CD4006B
Truth Table
TLF5942 – 4
X
e
Don’t care
D
e
Level change
NC e No change
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4006BC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4006B TI-CD4006B Datasheet
217Kb / 5P
CMOS 18-STAGE STATIC SHIFT REGISTER
CD4006B TI-CD4006B Datasheet
368Kb / 8P
CMOS 18-Stage Static Shift Register
CD4006B TI2-CD4006B Datasheet
464Kb / 9P
CMOS 18-Stage Static Shift Register
29-May-2025
CD4006B-MIL TI-CD4006B-MIL Datasheet
368Kb / 8P
CMOS 18-Stage Static Shift Register
CD4006B-MIL TI2-CD4006B-MIL Datasheet
464Kb / 9P
CMOS 18-Stage Static Shift Register
29-May-2025
More results

Similar Description - CD4006BC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4006B PHILIPS-HEF4006B Datasheet
53Kb / 5P
18-stage static shift register
January 1995
logo
STMicroelectronics
HCC4006B STMICROELECTRONICS-HCC4006B Datasheet
260Kb / 11P
18-STAGE STATIC SHIFT REGISTER
Jun-1989
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
64-STAGE STATIC SHIFT REGISTER
Jun-1989
logo
Texas Instruments
CD4006B TI-CD4006B Datasheet
217Kb / 5P
CMOS 18-STAGE STATIC SHIFT REGISTER
logo
National Semiconductor ...
CD4014BM NSC-CD4014BM Datasheet
142Kb / 6P
8-Stage Static Shift Register
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
64-Stage Static Shift Register
logo
STMicroelectronics
HCF4006B STMICROELECTRONICS-HCF4006B Datasheet
179Kb / 8P
18-STAGE STATIC SHIFT REGISTER
Sep-2001
logo
Fairchild Semiconductor
CD4021BC FAIRCHILD-CD4021BC_02 Datasheet
77Kb / 7P
8-Stage Static Shift Register
logo
KODENSHI_AUK CORP.
KK4006B KODENSHI-KK4006B Datasheet
339Kb / 7P
鬼MOS 18-Stage Static Shift Register
logo
Texas Instruments
CD4006BE TI-CD4006BE Datasheet
368Kb / 8P
CMOS 18-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com