Electronic Components Datasheet Search
  English  ▼

X  

STR3A451 Datasheet(PDF) 13 Page - Sanken electric

Part # STR3A451
Description  Off-Line PWM Controllers with Integrated Power MOSFET
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR3A451 Datasheet(HTML) 13 Page - Sanken electric

Back Button STR3A451 Datasheet HTML 9Page - Sanken electric STR3A451 Datasheet HTML 10Page - Sanken electric STR3A451 Datasheet HTML 11Page - Sanken electric STR3A451 Datasheet HTML 12Page - Sanken electric STR3A451 Datasheet HTML 13Page - Sanken electric STR3A451 Datasheet HTML 14Page - Sanken electric STR3A451 Datasheet HTML 15Page - Sanken electric STR3A451 Datasheet HTML 16Page - Sanken electric STR3A451 Datasheet HTML 17Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
STR3A400 Series
STR3A400-DSE Rev.2.1
SANKEN ELECTRIC CO.,LTD.
13
Sept. 18, 2015
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO.,LTD. 2014
providing the startup current, ICC(ST), from the startup
circuit. Thus, the VCC pin voltage is kept more than
VCC(OFF).
Since the startup failure is prevented by the Bias
Assist Function, the value of C2 connected to the VCC
pin can be small. Thus, the startup time and the response
time of the Overvoltage Protection (OVP) become
shorter.
The operation of the Bias Assist Function in startup is
as follows. It is necessary to check and adjust the startup
process based on actual operation in the application, so
that poor starting conditions may be avoided.
Figure 9-3 shows the VCC pin voltage behavior
during the startup period. After the VCC pin voltage
increases to VCC(ON) = 15.0 V at startup, the IC starts the
operation. Then circuit current increases and the VCC
pin voltage decreases. At the same time, the auxiliary
winding voltage, VD, increases in proportion to output
voltage. These are all balanced to produce the VCC pin
voltage.
When
the
VCC
pin
voltage
is
decrease
to
VCC(OFF) = 8.5 V in startup operation, the IC stops
switching operation and a startup failure occurs. When
the output load is light at startup, the output voltage may
become more than the target voltage due to the delay of
feedback circuit. In this case, the FB pin voltage is
decreased by the feedback control. When the FB pin
voltage decreases to VFB(OFF) or less, the IC stops
switching operation and the VCC pin voltage decreases.
When the VCC pin voltage decreases to VCC(BIAS), the
Bias Assist Function is activated and the startup failure
is prevented.
IC starts operation
VCC pin
voltage
VCC(ON)
VCC(BIAS)
VCC(OFF)
Startup failure
Startup success
Target operating
voltage
Time
Bias assist period
Increase with rising of
output voltage
Figure 9-3 VCC pin voltage during startup period
9.4
Soft Start Function
Figure 9-4 shows the behavior of VCC pin voltage
and drain current during the startup period.
The IC activates the soft start circuitry during the
startup period. Soft start time is fixed to around 8.75 ms.
during the soft start period, overcurrent threshold is
increased step-wisely (7 steps). This function reduces
the voltage and the current stress of a power MOSFET
and the secondary side rectifier diode.
Since the Leading Edge Blanking Function (refer to
Section 9.6) is deactivated during the soft start period,
there is the case that ON time is less than the leading
edge blanking time, tBW = 330 ns.
After the soft start period, D/ST pin current, ID, is
limited by the Overcurrent Protection (OCP), until the
output voltage increases to the target operating voltage.
This period is given as tLIM.
In case tLIM is longer than the OLP Delay Time, tOLP,
the output power is limited by the Overload Protection
(OLP) operation.
Thus, it is necessary to adjust the value of output
capacitor and the turn ratio of auxiliary winding D so
that the tLIM is less than tOLP = 55 ms (min.).
VCC(ON)
VCC(OFF)
Time
VCC pin
voltage
Startup of SMPS
Normal opertion
D/ST pin
current, ID
tLIM < tOLP (min.)
Soft start period
approximately 8.75 ms (fixed)
Time
Startup of IC
tSTART
Limited by OCP operation
Figure 9-4 VCC and ID behavior during startup
9.5
Constant Output Voltage Control
The IC achieves the constant voltage control of the
power supply output by using the current-mode control
method, which enhances the response speed and
provides the stable operation. The FB/OLP pin voltage
is internally added the slope compensation at the
feedback control (refer to Section 4. Block Diagram),
and the target voltage, VSC, is generated. The IC
compares the voltage, VROCP, of a current detection
resistor with the target voltage, VSC, by the internal FB
comparator, and controls the peak value of VROCP so that
it gets close to VSC, as shown in Figure 9-5 and Figure
9-6.
● Light load conditions
When load conditions become lighter, the output
voltage, VOUT, increases. Thus, the feedback current
from the error amplifier on the secondary-side also
increases. The feedback current is sunk at the FB/OLP
pin, transferred through a photo-coupler, PC1, and the
FB/OLP pin voltage decreases. Thus, VSC decreases,
and the peak value of VROCP is controlled to be low,
and the peak drain current of ID decreases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com