Electronic Components Datasheet Search
  English  ▼

X  

STR5A162D Datasheet(PDF) 13 Page - Sanken electric

Part # STR5A162D
Description  Off-Line PWM Controllers with Integrated Power MOSFET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR5A162D Datasheet(HTML) 13 Page - Sanken electric

Back Button STR5A162D Datasheet HTML 9Page - Sanken electric STR5A162D Datasheet HTML 10Page - Sanken electric STR5A162D Datasheet HTML 11Page - Sanken electric STR5A162D Datasheet HTML 12Page - Sanken electric STR5A162D Datasheet HTML 13Page - Sanken electric STR5A162D Datasheet HTML 14Page - Sanken electric STR5A162D Datasheet HTML 15Page - Sanken electric STR5A162D Datasheet HTML 16Page - Sanken electric STR5A162D Datasheet HTML 17Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
STR5A100D Series
STR5A100D-DS Rev.1.3
SANKEN ELECTRIC CO.,LTD.
13
Aug. 08, 2014
11. Design Notes
11.1 External Components
Take care to use properly rated, including derating as
necessary and proper type of components.
VAC
D
P
VCC
1
2
U1
FB
R1
C3
R2
D1
D2
R3
R5
C1
CRD clamp snubber
R6
VD
C2
L1
R4
D/ST
4
S/GND
5~8
C4
D50
S1
VOUT
(+)
C52
C51
R51
R52
(-)
Figure 11-1 Peripheral circuit of FB pin and VCC pin
 Output Electrolytic Capacitor
Apply proper derating to ripple current, voltage,
and temperature rise. Use of high ripple current and
low impedance types, designed for switch mode
power supplies, is recommended.
 FB Pin Peripheral Circuit and CRD Clamp
Snubber
Figure 11-1 shows the FB pin peripheral circuit.
The auxiliary winding voltage, VD is divided by
resistors (R3, R4 and R5) and induced into FB pin.
The FB pin voltage is controlled to be Feedback
Reference Voltage, VFB(REF) = 2.50 V.
The value of R5 is about 3.3 kΩ to 10 kΩ.
The value of R3 and R4 are calculated as follows:
)
OP
(
FB
)
REF
(
FB
)
REF
(
FB
F
OUT
S
D
I
5
R
V
V
V
V
N
N
4
R
3
R
(6)
where,
ND: Turns of auxiliary winding of transformer
NS: Turns of secondary side winding of transformer
VOUT: Output voltage
VF: Forward drop voltage of secondary side rectifier
diode D50
VFB(REF): Feedback Reference Voltage, 2.50 V
IFB(OP): Feedback Current, − 0.8 μA
In addition, the negative voltage is input to FB pin. As
shown in Figure 11-2, the negative voltage, VFW, of
VD is calculated as follows:
2
V
N
N
V
IN(AC)
P
D
FW
(7)
where,
VIN(AC) : Input voltage
ND : Turns of D winding
NP : Turns of P winding
Auxiliary
winding
voltage, VD
0
VREV
VFW
Figure 11-2 The auxiliary winding voltage waveform
The absolute maximum rating of FB Pin Source
Current, IFB is − 10 mA. The value of R3 and R4 are
chosen so that the FB pin source current, IFB(FW),
satisfies Equation (8) considered about surge.
4
R
3
R
V
I
FW
FB(FW)
mA
5
2
4
R
3
R
V
N
N
)
AC
(
IN
P
D
 
 
 
(8)
There, the maximum input voltage substitutes in
VIN(AC).
R3, R4 and R5 should be adjusted in actual operation
condition.
The IC generates the feedback signal by sampled VD
waveform that is FB pin input signal. In order to
improve the accuracy of VD waveform sampling, it is
necessary to realize the ideal VD waveform for
reducing the peak and width of the surge component
and
suppressing
the
ringing.
Because
the
VD
waveform depends on the waveform of the primary
winding P voltage, a clamp snubber circuit should be
added on the primary winding P. The method of
setting the value of the clamp snubber circuit is shown
in Section 10.5.
In order to maintain the sampling accuracy during
light load operation, an auxiliary switch diode
SARS05 should be used as D1 where the approximate
value of R2 is 220 Ω to 470 Ω. R2 should be adjusted
to obtain proper VD waveform in actual operation
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com