Electronic Components Datasheet Search
  English  ▼

X  

CD4016BM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD4016BM
Description  Quad Bilateral Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4016BM Datasheet(HTML) 7 Page - National Semiconductor (TI)

  CD4016BM Datasheet HTML 1Page - National Semiconductor (TI) CD4016BM Datasheet HTML 2Page - National Semiconductor (TI) CD4016BM Datasheet HTML 3Page - National Semiconductor (TI) CD4016BM Datasheet HTML 4Page - National Semiconductor (TI) CD4016BM Datasheet HTML 5Page - National Semiconductor (TI) CD4016BM Datasheet HTML 6Page - National Semiconductor (TI) CD4016BM Datasheet HTML 7Page - National Semiconductor (TI) CD4016BM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Typical Applications
4 Input Multiplexer
SampleHold Amplifier
TLF5661 – 6
Special Considerations
The CD4016B is composed of 4 two-transistor analog
switches These switches do not have any linearization or
compensation circuitry for ‘‘RON’’ as do the CD4066B’s Be-
cause of this
the special operating considerations for
the CD4066B do not apply to the CD4016B but at low
supply voltages s5V the CD4016B’s on resistance be-
comes non-linear It is recommended that at 5V voltages
on the inout pins be maintained within about 1V of either
VDD or VSS and that at 3V the voltages on the inout pins
should be at VDD or VSS for reliable operation
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com