Electronic Components Datasheet Search
  English  ▼

X  

CD4016BC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4016BC
Description  Quad Bilateral Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4016BC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4016BC Datasheet HTML 1Page - National Semiconductor (TI) CD4016BC Datasheet HTML 2Page - National Semiconductor (TI) CD4016BC Datasheet HTML 3Page - National Semiconductor (TI) CD4016BC Datasheet HTML 4Page - National Semiconductor (TI) CD4016BC Datasheet HTML 5Page - National Semiconductor (TI) CD4016BC Datasheet HTML 6Page - National Semiconductor (TI) CD4016BC Datasheet HTML 7Page - National Semiconductor (TI) CD4016BC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC Electrical Characteristics CD4016BC (Note 2) (Continued)
Symbol
Parameter
Conditions
b
40 C25 C85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDDe5V VINeVDD or VSS
10
001
10
75
m
A
VDDe10V VINeVDD or VSS
20
001
20
15
m
A
VDDe15V VINeVDD or VSS
40
001
40
30
m
A
Signal Inputs and Outputs
RON
‘‘ON’’ Resistance
RLe10 kX to
VDDbVSS
2
VCeVDD VISeVSS or VDD
VDDe10V
610
275
660
840
X
VDDe15V
370
200
400
520
X
RLe10 kX to
VDDbVSS
2
VCeVDD
VDDe10V VISe475 to 525V
1900
850
2000
2380
X
VDDe15V VISe725 to 775V
790
400
850
1080
X
D
RON
D
‘‘ON’’ Resistance
RLe10 kX to
VDDbVSS
2
Between any 2 of
VCeVDD VISeVSS to VDD
4 Switches
VDDe10V
15
X
(In Same Package)
VDDe15V
10
X
IIS
Input or Output Leakage
VCe0 VDDe15V
g
50
g
01
g
50
g
200
nA
Switch ‘‘OFF’’
VISe0V or 15V
VOSe15V or 0V
Control Inputs
VILC
Low Level Input Voltage
VISeVSS and VDD
VOSeVDD and VSS
IISe g10 mA
VDDe5V
09
07
04
V
VDDe10V
09
07
04
V
VDDe15V
09
07
04
V
VIHC
High Level Input Voltage
VDDe5V
35
35
35
V
VDDe10V
(see Note 6 and
70
70
70
V
VDDe15V
Figure 8 )
110
110
110
V
IIN
Input Current
VCCbVSSe15V
g
03
g
10b5
g
03
g
10
m
A
VDDtVIStVSS
VDDtVCtVSS
AC Electrical Characteristics TAe25 C tretfe20 ns and VSSe0V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL tPLH
Propagation Delay Time
VCeVDD CLe50 pF (Figure 1 )
Signal Input to Signal Output
RLe200k
VDDe5V
58
100
ns
VDDe10V
27
50
ns
VDDe15V
20
40
ns
tPZH tPZL
Propagation Delay Time
RLe10 kX CLe50 pF (Figures 2
Control Input to Signal
and
3 )
Output High Impedance to
VDDe5V
20
50
ns
Logical Level
VDDe10V
18
40
ns
VDDe15V
17
35
ns
tPHZ tPLZ
Propagation Delay Time
RLe10 kX CLe50 pF (Figures 2
Control Input to Signal
and
3 )
Output Logical Level to
VDDe5V
15
40
ns
High Impedance
VDDe10V
11
25
ns
VDDe15V
10
22
ns
Sine Wave Distortion
VCeVDDe5V VSSeb5
04
%
RLe10 kX VISe5VP-P fe1 kHz
(
Figure 4 )
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com