Electronic Components Datasheet Search
  English  ▼

X  

CD4024BC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4024BC
Description  7-Stage Ripple Carry Binary Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4024BC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4024BC Datasheet HTML 1Page - National Semiconductor (TI) CD4024BC Datasheet HTML 2Page - National Semiconductor (TI) CD4024BC Datasheet HTML 3Page - National Semiconductor (TI) CD4024BC Datasheet HTML 4Page - National Semiconductor (TI) CD4024BC Datasheet HTML 5Page - National Semiconductor (TI) CD4024BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5957
March 1988
CD4024BMCD4024BC
7-Stage Ripple Carry Binary Counter
General Description
The CD4024BMCD4024BC is a 7-stage ripple-carry binary
counter
Buffered outputs are externally available from
stages 1 through 7 The counter is reset to its logical ‘‘0’’
stage by a logical ‘‘1’’ on the reset input The counter is
advanced one count on the negative transition of each
clock pulse
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL
Fan out of 2 driving 74L
compatibility
or 1 driving 74LS
Y
High speed
12 MHz (typ)
input pulse rate VDD b VSS e 10V
Y
Fully static operation
Connection Diagram
Dual-In-Line Package
TLF5957 – 1
Top View
Order Number CD4024B
Schematic Diagrams
TLF5957 – 3
Input Logic
Flip-flop logic (1 of 7 identical stages)
TLF5957 – 4
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4024BC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4024BC FAIRCHILD-CD4024BC Datasheet
56Kb / 6P
7-Stage Ripple Carry Binary Counter
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
7-Stage Ripple Carry Binary Counter
logo
Fairchild Semiconductor
CD4024BCM FAIRCHILD-CD4024BCM Datasheet
56Kb / 6P
7-Stage Ripple Carry Binary Counter
CD4024BCN FAIRCHILD-CD4024BCN Datasheet
56Kb / 6P
7-Stage Ripple Carry Binary Counter
More results

Similar Description - CD4024BC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP Datasheet
249Kb / 6P
7 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
TC74VHC4040F TOSHIBA-TC74VHC4040F Datasheet
248Kb / 7P
12-STAGE RIPPLE-CARRY BINARY COUNTER
logo
Fairchild Semiconductor
CD4024BC FAIRCHILD-CD4024BC Datasheet
56Kb / 6P
7-Stage Ripple Carry Binary Counter
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
7-Stage Ripple Carry Binary Counter
logo
STMicroelectronics
HCF4024B STMICROELECTRONICS-HCF4024B Datasheet
235Kb / 10P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 7 STAGE
Sep-2001
logo
List of Unclassifed Man...
IW4024B ETC1-IW4024B Datasheet
318Kb / 7P
7 Stage Ripple-Carry Binary Counter/Divider
logo
Toshiba Semiconductor
TC7MH4040FK TOSHIBA-TC7MH4040FK_07 Datasheet
192Kb / 7P
12-Stage Ripple-Carry Binary Counter
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
14-Stage Ripple Carry Binary Counter
TC74VHC4040F TOSHIBA-TC74VHC4040F_07 Datasheet
269Kb / 11P
12-Stage Ripple Carry Binary Counter
TC4024BP TOSHIBA-TC4024BP_07 Datasheet
314Kb / 9P
7 Stage Ripple-Carry Binary Counter/Dividers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com