Electronic Components Datasheet Search
  English  ▼

X  

CD4034BM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD4034BM
Description  8-Stage TRI-STATE Bidirectional Parallel/Serial Input/Output Bus Register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4034BM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD4034BM Datasheet HTML 1Page - National Semiconductor (TI) CD4034BM Datasheet HTML 2Page - National Semiconductor (TI) CD4034BM Datasheet HTML 3Page - National Semiconductor (TI) CD4034BM Datasheet HTML 4Page - National Semiconductor (TI) CD4034BM Datasheet HTML 5Page - National Semiconductor (TI) CD4034BM Datasheet HTML 6Page - National Semiconductor (TI) CD4034BM Datasheet HTML 7Page - National Semiconductor (TI) CD4034BM Datasheet HTML 8Page - National Semiconductor (TI) CD4034BM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
DC Supply Voltage (VDD)
b
05 VDC to a18 VDC
Input Voltage (VIN)
b
05 VDC to VDD a 05 VDC
Storage Temp Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Recommended Operating
Conditions (Note 2)
DC Supply Voltage (VDD)
a
3VDC to a15 VDC
Input Voltage (VIN)0 VDC to VDD VDC
Operating Temperature Range (TA)
CD4034BM
b
55 Cto a125 C
CD4034BC
b
40 Cto a85 C
DC Electrical Characteristics CD4034BM (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD e 5V VIN e VDD or VSS
5
5
150
m
A
VDD e 10V VIN e VDD or VSS
10
10
300
m
A
VDD e 15V VIN e VDD or VSS
20
20
600
m
A
VOL
Low Level Output Voltage
VDD e 5V
005
005
005
V
VDD e 10V
005
005
005
V
VDD e 15V
005
005
005
V
VOH
High Level Output Voltage VDD e 5V
495
495
495
V
VDD e 10V
995
995
995
V
VDD e 15V
1495
1495
1495
V
VIL
Low Level Input Voltage
VDD e 5V VO e 05V or 45V
15
15
15
V
VDD e 10V VO e 10V or 90V
30
30
30
V
VDD e 15V VO e 15V or 135V
40
40
40
V
VIH
High Level Input Voltage
VDD e 5V VO e 05V or 45V
35
35
35
V
VDD e 10V VO e 10V or 90V
70
70
70
V
VDD e 15V VO e 15V or 135V
110
110
110
V
IOL
Low Level Output Current
VDD e 5V VO e 04V
064
051
036
mA
(Note 3)
VDD e 10V VO e 05V
16
13
09
mA
VDD e 15V VO e 15V
42
34
24
mA
IOH
High Level Output Current
VDD e 5V VO e 46V
b
064
b
051
b
036
mA
(Note 3)
VDD e 10V VO e 95V
b
16
b
13
b
09
mA
VDD e 15V VO e 135V
b
42
b
34
b
24
mA
IIN
Input Curent
VDD e 15V VIN e 0V
b
01
b
01
b
10-5
b
10
m
A
VDD e 15V VIN e 15V
01
10-5
01
10
m
A
IOZ
TRI-STATE Leakage
VDD e 15V VO e 0V
b
01
b
01
b
10-5
b
10
m
A
Current
VDD e 15V VO e 15V
01
10-5
01
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com