Electronic Components Datasheet Search
  English  ▼

X  

CD4043BM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4043BM
Description  Quad TRI-STATE NOR(NAND) R/S Latches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4043BM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4043BM Datasheet HTML 1Page - National Semiconductor (TI) CD4043BM Datasheet HTML 2Page - National Semiconductor (TI) CD4043BM Datasheet HTML 3Page - National Semiconductor (TI) CD4043BM Datasheet HTML 4Page - National Semiconductor (TI) CD4043BM Datasheet HTML 5Page - National Semiconductor (TI) CD4043BM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5967
February 1988
CD4043BMCD4043BC Quad TRI-STATE
NOR RS Latches
CD4044BMCD4044BC Quad TRI-STATE
NAND RS Latches
General Description
CD4043BMCD4043BC are quad cross-couple TRI-STATE
CMOS NOR latches and CD4044BMCD4044BC are quad
cross-couple TRI-STATE CMOS NAND latches Each latch
has a separate Q output and individual SET and RESET
inputs There is a common TRI-STATE ENABLE input for all
four latches A logic ‘‘1’’ on the ENABLE input connects the
latch states to the Q outputs A logic ‘‘0’’ on the ENABLE
input disconnects the latch states from the Q outputs result-
ing in an open circuit condition on the Q output The
TRI-STATE feature allows common bussing of the outputs
Features
Y
Wide supply voltage range
3V to 15V
Y
Low power
100 nW (typ)
Y
High noise immunity
045 VDD (typ)
Y
Separate SET and RESET inputs for each latch
Y
NOR and NAND configuration
Y
TRI-STATE output with common output enable
Applications
Y
Multiple bus storage
Y
Strobed register
Y
Four bits of independent storage with output enable
Y
General digital logic
Connection Diagrams
CD4043BMCD4043BC
Dual-In-Line and Flat Packages
TLF5967 – 3
Top View
CD4044BMCD4044BC
Dual-In-Line and Flat Packages
TLF5967 – 4
Top View
Truth Table
CD4043BMCD4043BC
SRE
Q
XX
0OC
00
1
NC
10
1
1
01
1
0
11
1
D
CD4044BMCD4044BC
SRE
Q
XX
0
OC
111
NC
011
1
101
0
001
DD
Order Number CD4043B or CD4044B
OC
TRI-STATE
NC
No change
X
Don’t care
D
Dominated by Se1 input
DD
Dominated by Re0 input
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4043BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4043BM TI-CD4043BM Datasheet
211Kb / 13P
CMOS QUAD 3-STATE R/S LATCHES
CD4043BM TI1-CD4043BM Datasheet
1Mb / 31P
CMOS Quad 3-State R/S Latches
CD4043BM TI2-CD4043BM Datasheet
2Mb / 36P
CMOS Quad 3-State R/S Latches High-Voltage Types (20-Volt Rating) Quad NOR R/S Latch — CD40438 ‘Quad NAND R/S Latch — CD40448
Revised October 2003
logo
Intersil Corporation
CD4043BMS INTERSIL-CD4043BMS Datasheet
110Kb / 10P
CMOS Quad Clocked ?쏡??Latch
December 1992
logo
Renesas Technology Corp
CD4043BMS RENESAS-CD4043BMS Datasheet
395Kb / 10P
CMOS Quad 3 State R/S Latches
December 1992
More results

Similar Description - CD4043BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS279 NSC-54LS279 Datasheet
137Kb / 6P
Quad S-R Latches
logo
STMicroelectronics
HCC4043B STMICROELECTRONICS-HCC4043B Datasheet
302Kb / 13P
QUAD 3-STATE R-S LATCHES
Jun-1989
logo
Texas Instruments
CD4043B TI-CD4043B Datasheet
211Kb / 13P
CMOS QUAD 3-STATE R/S LATCHES
logo
Toshiba Semiconductor
TC4044BP TOSHIBA-TC4044BP Datasheet
238Kb / 6P
QUAD 3-STATE R/S LATCH(Quad NAND R/S Latch)
11-Dec-1997
logo
Fairchild Semiconductor
CD4043BC FAIRCHILD-CD4043BC Datasheet
68Kb / 6P
Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
logo
Hitachi Semiconductor
HD74HC279 HITACHI-HD74HC279 Datasheet
59Kb / 9P
Quad. S-R Latches
logo
List of Unclassifed Man...
MMC4043 ETC1-MMC4043 Datasheet
440Kb / 3P
QUAD 3-STATE NOR/ NAND R/S LATCHES
logo
Texas Instruments
54LS279 TI1-54LS279 Datasheet
387Kb / 8P
Quad S-R Latches
CD4043B TI1-CD4043B_15 Datasheet
1Mb / 31P
CMOS Quad 3-State R/S Latches
logo
Renesas Technology Corp
CD4043BMS RENESAS-CD4043BMS Datasheet
395Kb / 10P
CMOS Quad 3 State R/S Latches
December 1992
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com