Electronic Components Datasheet Search
  English  ▼

X  

2N5116 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # 2N5116
Description  SINGLE P-CHANNEL JFET SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

2N5116 Datasheet(HTML) 2 Page - Linear Integrated Systems

  2N5116 Datasheet HTML 1Page - Linear Integrated Systems 2N5116 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201134 5/14/2014 Rev#A6 ECN# 2N5114
DYNAMIC ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
SYM.
CHARACTERISTIC
TYP
2N5114
2N5115
2N5116
UNIT
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
gfs
Forward Transconductance
4.5
mS
VDS = -15V, ID = -1mA
f = 1kHz
gos
Output Conductance
20
µS
rds(on)
Drain to Source On Resistance
75
100
150
Ω
VGS = 0V, ID = -1mA
f = 1kHz
Ciss
Input Capacitance
20
25
25
25
pF
VDS = -15V, VGS = 0V
f = 1MHz
Crss
Reverse Transfer Capacitance
5
7
VDS = 0V, VGS = 12V
f = 1MHz
6
7
VDS = 0V, VGS = 7V
f = 1MHz
6
7
VDS = 0V, VGS = 5V
f = 1MHz
en
Equivalent Noise Voltage
20
nV/√Hz
VDG = -10V, ID = -10mA
f = 1 kHz
SWITCHING CIRCUIT CHARACTERISTICS
SYM.
2N5114
2N5115
2N5116
VDD
-10V
-6V
-6V
VGG
20V
12V
8V
RL
430Ω
910Ω
2kΩ
RG
100Ω
220Ω
390Ω
ID(on)
-15mA
-7mA
-3mA
VGS(H)
0V
0V
0V
VGS(L)
-11V
-7V
-5V
SWITCHING CHARACTERISTICS (max)
SYM.
CHARACTERISTIC
2N5114
2N5115
2N5116
UNITS
td(on)
Turn On Time
6
10
12
ns
tr
10
20
30
td(off)
Turn Off Time
6
8
10
tf
15
30
50
NOTES
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
2.
Pulse test: PW ≤ 300µs, Duty Cycle ≤ 3%
3.
Derate 3mW/°C above 25°C.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its
use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Linear Integrated Systems.
R
G
0.1µF
51
R
L
Sampling
Scope
1.2k
7.5k
51
51
1.2k
V
GG
V
DD
V
GS(H)
V
GS(L)
SWITCHING TEST CIRCUIT
0.210
0.170
Note: All Dimensions are in inches
Linear Integrated Systems (LIS) is a 25-year-old, third-generation precision semiconductor company providing high-quality discrete
components. Expertise brought to LIS is based on processes and products developed at Amelco, Union Carbide, Intersil and Micro
Power Systems by company President John H. Hall. Hall, a protégé of Silicon Valley legend Dr. Jean Hoerni, was the director of IC
Development at Union Carbide, Co-Founder and Vice President of R&D at Intersil, and Founder/President of Micro Power Systems.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com